Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
(1)
See Table 5.
8.3.2.7 Setting PWM Dimming Frequency
LP8556 PWM dimming frequency can be set by an external resistor, RFSET, or by pre-configuring EPROM
Memory (CFG5 register, PWM_FREQ[3:0] bits). Table 4 summarizes setting of the PWM dimming frequency.
Note that .
NOTE
The RFSET is shared for setting the boost switching frequency, too. Setting the boost
switching frequency and PWM dimming frequency using an external resistor is shown in
Table 5.
Table 4. Configuring PWM Dimming Frequency via EPROM
RFSET [kΩ]
PWM_FSET_EN
PWM_FREQ[3:0]
ƒPWM [Hz] (Resolution)
don't care
0
0000
4808 (11-bit)
0001
6010 (10-bit)
0010
7212 (10-bit)
0011
8414 (10-bit)
0100
9616 (10-bit)
0101
12020 (9-bit)
0110
13222 (9-bit)
0111
14424 (9-bit)
1000
15626 (9-bit)
1001
16828 (9-bit)
1010
18030 (9-bit)
1011
19232 ((9-bit)
1100
24040 (8-bit)
1101
28848 (8-bit)
1110
33656 (8-bit)
1111
38464 (8-bit)
See(1)
1
don't care
See(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com