Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments PCM1795 Datasheet HTML 26Page - Texas Instruments PCM1795 Datasheet HTML 27Page - Texas Instruments PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments PCM1795 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
Register Maps (continued)
Table 9. User-Programmable Function Controls (continued)
DF
FUNCTION
DEFAULT
REGISTER
BIT
PCM
DSD
BYPASS
Sampling rate selection for de-emphasis
De-emphasis disabled
Register 18
DMF[1:0]
Yes
Yes(1)
No
Disabled, 44.1 kHz, 48 kHz, 32 kHz
De-emphasis control
De-emphasis disabled
Register 18
DME
Yes
No
No
Disabled, enabled
Soft mute control
Mute disabled
Register 18
MUTE
Yes
No
No
Soft mute disabled, enabled
Output phase reversal
Normal
Register 19
REV
Yes
Yes
Yes
Normal, reverse
Attenuation speed selection
×1 fS
Register 19
ATS[1:0]
Yes
No
No
×1fS, ×(1/2)fS, ×(1/4)fS, ×(1/8)fS
DAC operation control
DAC operation enabled
Register 19
OPE
Yes
Yes
Yes
Enabled, disabled
Stereo DF bypass mode select
Monaural
Register 19
DFMS
Yes
No
Yes
Monaural, stereo
Digital filter roll-off selection
Sharp roll-off
Register 19
FLT
Yes
No
No
Sharp roll-off, slow roll-off
Infinite zero mute control
Disabled
Register 19
INZD
Yes
No
Yes
Disabled, enabled
System reset control
Normal operation
Register 20
SRST
Yes
Yes
Yes
Reset operation, normal operation
DSD interface mode control
Disabled
Register 20
DSD
Yes
Yes
No
DSD enabled, disabled
Digital-filter bypass control
DF enabled
Register 20
DFTH
Yes
No
Yes
DF enabled, DF bypass
Monaural mode selection
Stereo
Register 20
MONO
Yes
Yes
Yes
Stereo, monaural
Channel selection for monaural mode data
Left channel
Register 20
CHSL
Yes
Yes
Yes
Left channel, Right channel
ΔΣ oversampling rate selection
×64 fS
Register 20
OS[1:0]
Yes
Yes(2)
Yes
×64 fS, ×128 fS, ×32 fS
PCM zero output enable
Enabled
Register 21
PCMZ
Yes
No
Yes
DSD zero output enable
Disabled
Register 21
DZ[1:0]
Yes
Yes
No
FUNCTION AVAILABLE ONLY FOR READ
Zero detection flag
Not zero = 0
ZFGL (for left channel)
Register 22
Yes
Yes
Yes
Not zero, zero detected
Zero detected = 1
ZFGR (for right channel)
Device ID (at TDMCA)
Register 23
ID[4:0]
Yes
No
No
(1)
When in DSD mode, DMF[1:0] is defined as DSD filter (analog FIR) performance selection.
(2)
When in DSD mode, OS[1:0] is defined as DSD filter (analog FIR) operating rate selection.
7.6.1.2 Register Map
The mode control register map is shown in Table 10. Registers 16 to 21 include an R/W bit that determines
whether a register read (R/W = 1) or write (R/W = 0) operation is performed. Registers 22 and 23 are read-only.
Table 10. Mode Control Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 17
R/W
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 18
R/W
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
RSV
DFMS
FLT
INZD
28
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com