Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1795 Datasheet HTML 1Page - Texas Instruments PCM1795 Datasheet HTML 2Page - Texas Instruments PCM1795 Datasheet HTML 3Page - Texas Instruments PCM1795 Datasheet HTML 4Page - Texas Instruments PCM1795 Datasheet HTML 5Page - Texas Instruments PCM1795 Datasheet HTML 6Page - Texas Instruments PCM1795 Datasheet HTML 7Page - Texas Instruments PCM1795 Datasheet HTML 8Page - Texas Instruments PCM1795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
PowerSupply
RST
Advanced
Segment
DAC
Modulator
I
OUTL+
I
OUTL-
I
OUTR-
I
OUTR+
Bias
andV
REF
V
COML
V
COMR
I/V andFilter
x8
Oversampling
DigitalFilter
and
FunctionControl
Audio
DataInput
I/F
LRCK
BCK
DATA
MDO
MDI
MC
MS
Current
Segment
DAC
I
REF
V
OUTL
I/VandFilter
V
OUTR
Function
ControlI/F
MSEL
Zero
Detect
ZEROL
ZEROR
System
Clock
Manager
Current
Segment
DAC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment,
Stereo Audio Digital-to-Analog Converter
1 Features
3 Description
The
PCM1795
device
is
a
monolithic
CMOS
1
•
32-Bit Resolution
integrated circuit that includes stereo digital-to-analog
•
Analog Performance:
converters (DACs) and support circuitry in a small
–
Dynamic Range: 123 dB
SSOP-28 package. The data converters use TI’s
advanced segment DAC architecture to achieve
–
THD+N: 0.0005%
excellent
dynamic
performance
and
improved
•
Differential Current Output: 3.9 mAPP
tolerance to clock jitter. The PCM1795 provides
•
8× Oversampling Digital Filter:
balanced current outputs, letting the user optimize
analog
performance
externally.
The
PCM1795
–
Stop-Band Attenuation: –98 dB
accepts pulse code modulation (PCM) and direct
–
Passband Ripple: ±0.0002 dB
stream
digital
(DSD)
audio
data
formats,
thus
•
Sampling Frequency: 10 kHz to 200 kHz
providing an easy interface to audio digital signal
•
System Clock: 128, 192, 256, 384, 512,
processors (DSPs) and decoder chips. The PCM1795
device also interfaces with external digital filter
or 768 fS With Autodetect
devices such as the DF1704, DF1706, and the
•
Accepts 16-, 24-, and 32-Bit Audio Data
PMD200 from Pacific Microsonics™. Sampling rates
•
PCM Data Formats: Standard, I2S, and Left-
up to 200 kHz are supported. A full set of user-
Justified
programmable functions is accessible through an SPI
or I2C serial control port that supports register write
•
DSD Format Interface Available
and readback functions. The PCM1795 device also
•
Interface Available for Optional External Digital
supports
the
time-division-multiplexed
(TDM)
Filter or DSP
command and audio (TDMCA) data format.
•
TDMCA or Serial Port (SPI™/I2C)
•
User-Programmable Mode Controls:
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Digital Attenuation:
0 dB to –120 dB, 0.5-dB/Step
PCM1795
SSOP (28)
10.20 mm × 5.30 mm
–
Digital De-Emphasis
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–
Digital Filter Roll-Off: Sharp or Slow
–
Soft Mute
Block Diagram
–
Zero Flag for Each Output
•
Compatible With PCM1792A and PCM1796
(Pins and Mode Controls)
•
Dual Supply Operation:
–
5-V Analog, 3.3-V Digital
•
5-V Tolerant Digital Inputs
•
Small SSOP-28 Package
2 Applications
•
A/V Receivers
•
SACD Players
•
DVD Players
•
HDTV Receivers
•
Car Audio Systems
•
Digital Multitrack Recorders
•
Other Applications Requiring 32-Bit Audio
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI-PCM1795 Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DB TI-PCM1795DB Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795DB TI1-PCM1795DB Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1795DBR TI-PCM1795DBR Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
More results

Similar Description - PCM1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1795 TI-PCM1795 Datasheet
961Kb / 58P
32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PCM1795 TI-PCM1795_15 Datasheet
873Kb / 63P
PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment,Stereo Audio Digital-to-Analog Converter
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com