Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 47 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 47 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 43Page - Texas Instruments PCM1795 Datasheet HTML 44Page - Texas Instruments PCM1795 Datasheet HTML 45Page - Texas Instruments PCM1795 Datasheet HTML 46Page - Texas Instruments PCM1795 Datasheet HTML 47Page - Texas Instruments PCM1795 Datasheet HTML 48Page - Texas Instruments PCM1795 Datasheet HTML 49Page - Texas Instruments PCM1795 Datasheet HTML 50Page - Texas Instruments PCM1795 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
DSDL,
DSDR
t
(BCH)
DBCK
t
(BCL)
t
(BCY)
1.4V
1.4V
t
(DS)
t
(DH)
t =1/(64
44.1kHz)
´
D1
DSDL,
DSDR
D0
D2
D3
D4
DBCK
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
Figure 64. Normal Data Output Form From DSD Decoder
Figure 65. Timing for DSD Audio Interface
Table 36. Timing Characteristics for Figure 65
MIN
MAX
UNIT
t(BCY)
DBCK pulse cycle time
85(1)
ns
t(BCH)
DBCK high-level time
30
ns
t(BCL)
DBCK low-level time
30
ns
t(DS)
DSDL, DSDR setup time
10
ns
t(DH)
DSDL, DSDR hold time
10
ns
(1)
2.8224 MHz × 4. (2.8224 MHz = 64 × 44.1 kHz. This value is specified as a sampling rate of DSD.
8.2.3.2.4
DSD Mode Configuration and Function Controls
8.2.3.2.4.1
Configuration for the DSD Interface Mode
The DSD interface mode is selected by setting DSD = 1 (register 20, B5).
Table 37. DSD Mode Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
X(1)
X
X
X
X
X
X
X
Register 17
R/W
0
0
1
0
0
0
1
X
X
X
X
X
X
X
X
Register 18
R/W
0
0
1
0
0
1
0
X
X
X
X
DMF1
DMF0
X
X
Register 19
R/W
0
0
1
0
0
1
1
REV
X
X
OPE
X
X
X
X
Register 20
R/W
0
0
1
0
1
0
0
X
SRST
1
X
MONO
CHSL
OS1
OS0
Register 21
R
0
0
1
0
1
0
1
X
X
X
X
X
DZ1
DZ0
X
Register 22
R
0
0
1
0
1
1
0
X
X
X
X
X
X
ZFGR
ZFGL
(1)
Function is disabled. No operation even if data bit is set.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com