Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 2Page - Texas Instruments PCM1795 Datasheet HTML 3Page - Texas Instruments PCM1795 Datasheet HTML 4Page - Texas Instruments PCM1795 Datasheet HTML 5Page - Texas Instruments PCM1795 Datasheet HTML 6Page - Texas Instruments PCM1795 Datasheet HTML 7Page - Texas Instruments PCM1795 Datasheet HTML 8Page - Texas Instruments PCM1795 Datasheet HTML 9Page - Texas Instruments PCM1795 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
6.4 Thermal Information
PCM1795
THERMAL METRIC(1)
DB (SSOP)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
70.3
RθJC(top)
Junction-to-case (top) thermal resistance
28.3
RθJB
Junction-to-board thermal resistance
31.5
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
31.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
6.5 Electrical Characteristics
All specifications at TA = +25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 32-bit
data, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
32
Bits
DATA FORMAT (PCM Mode)
Audio data interface format
Standard, I2S, left-justified
Audio data bit length
16-, 24-, 32-bit selectable
Audio data format
MSB first, twos complement
fS
Sampling frequency
10
200
kHz
System clock frequency
128, 192, 256, 384, 512, 768
fS
DATA FORMAT (DSD Mode)
Audio data interface format
DSD (direct stream digital)
Audio data bit length
1
Bit
fS
Sampling frequency
2.8224
MHz
System clock frequency
2.8224
11.2986
MHz
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
2
VDC
Input logic level
VIL
0.8
VDC
IIH
VIN = VDD
10
μA
Input logic current
IIL
VIN = 0 V
–10
μA
VOH
IOH = –2 mA
2.4
VDC
Output logic level
VOL
IOL = 2 mA
0.4
VDC
DYNAMIC PERFORMANCE (PCM MODE)(1)(2)
fS = 48 kHz
0.0005%
0.001%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 48 kHz
120
123
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
123
dB
EIAJ, A-weighted, fS = 192 kHz
123
(1)
Filter condition:
THD+N: 20-Hz high-pass filter (HPF), 20-kHz AES17 low-pass filter (LPF)
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(2)
Dynamic performance and dc accuracy are specified at the output of the post-amplifier as shown in Figure 53.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com