Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments PCM1795 Datasheet HTML 32Page - Texas Instruments PCM1795 Datasheet HTML 33Page - Texas Instruments PCM1795 Datasheet HTML 34Page - Texas Instruments PCM1795 Datasheet HTML 35Page - Texas Instruments PCM1795 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
7.6.1.3.11
ATS[1:0]: Attenuation Rate Select
These bits are available for read and write.
Default value: 00
Table 18. ATS[1:0]
ATS[1:0]
ATTENUATION RATE SELECTION
00
Every LRCK (default)
01
LRCK/2
10
LRCK/4
11
LRCK/8
The ATS[1:0] bits are used to select the rate at which the attenuator is decremented/incremented during level
transitions.
7.6.1.3.12
OPE: DAC Operation Control
This bit is available for read and write.
Default value: 0
Table 19. OPE
OPE
DAC OPERATION CONTROL
OPE = 0
DAC operation enabled (default)
OPE = 1
DAC operation disabled
The OPE bit is used to enable or disable the analog output for both channels. Disabling the analog outputs
forces them to the bipolar zero level (BPZ) even if audio data are present on the input.
7.6.1.3.13
DFMS: Stereo DF Bypass Mode Select
This bit is available for read and write.
Default value: 0
Table 20. DFMS
DFMS
MODE SELECTION
DFMS = 0
Monaural (default)
DFMS = 1
Stereo input enabled
The DFMS bit is used to enable stereo operation in DF bypass mode. In the DF bypass mode, when DFMS is
set to '0', the pin for the input data are DATA (pin 5) only; therefore, the PCM1795 operates as a monaural DAC.
When DFMS is set to '1', the PCM1795 can operate as a stereo DAC with inputs of the left channel and right
channel data on ZEROL (pin 1) and ZEROR (pin 2), respectively.
7.6.1.3.14
FLT: Digital Filter Roll-Off Control
This bit is available for read and write.
Default value: 0
Table 21. FLT
FLT
ROLL-OFF CONTROL
FLT = 0
Sharp roll-off (default)
FLT = 1
Slow roll-off
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com