Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 57 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 57 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 53Page - Texas Instruments PCM1795 Datasheet HTML 54Page - Texas Instruments PCM1795 Datasheet HTML 55Page - Texas Instruments PCM1795 Datasheet HTML 56Page - Texas Instruments PCM1795 Datasheet HTML 57Page - Texas Instruments PCM1795 Datasheet HTML 58Page - Texas Instruments PCM1795 Datasheet HTML 59Page - Texas Instruments PCM1795 Datasheet HTML 60Page - Texas Instruments PCM1795 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
9 Power Supply Recommendations
The PCM1795 device requires a 5-V nominal supply and a 3.3-V nominal supply. The 5-V supply is for the
analog circuitry powered by VCC1, VCC2L, and VCC2R pins. The 3.3-V supply is for the digital circuitry powered by
the VDD pin. The decoupling capacitors for the power supplies should be placed close to the device terminals.
10 Layout
10.1 Layout Guidelines
Designers should try to use the same ground between AGND and DGND to avoid any potential voltage
difference between them. Ensure that the return currents for digital signals will avoid the AGND pin or the input
signals to the I/V stage. Avoid running high-frequency clock and control signals near AGND, or any of the VOUT
pins where possible. The pin layout of the PCM1795 device partitions into two sides, the analog side and the
digital side. Providing the system is partitioned in such a way that digital signals are routed away from the analog
sections, then no digital return currents (for example, clocks) should be generated in the analog circuitry.
•
Decoupling capacitors should be placed as close to the VCC1, VCC2L, VCCR2, VCOML, VCOMR, and VDD pins as
possible.
•
Further guidelines can be found in Figure 83.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com