Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 42 Page - Texas Instruments

Part # PCM1795
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795 Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 38Page - Texas Instruments PCM1795 Datasheet HTML 39Page - Texas Instruments PCM1795 Datasheet HTML 40Page - Texas Instruments PCM1795 Datasheet HTML 41Page - Texas Instruments PCM1795 Datasheet HTML 42Page - Texas Instruments PCM1795 Datasheet HTML 43Page - Texas Instruments PCM1795 Datasheet HTML 44Page - Texas Instruments PCM1795 Datasheet HTML 45Page - Texas Instruments PCM1795 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
DATA
BCK
SCK
WDCK (WordClock)
ExternalFilterDevice
DATA
5
6
7
BCK
SCK
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
PCM1796
DFMS=0
BCK
SCK
WDCK(WordClock)
ExternalFilterDevice
DATA
BCK
SCK
ZEROL
5
6
7
1
2
3
4
ZEROR
MSEL
LRCK
PCM1796
DFMS=1
DATA_L
DATA_R
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
Typical Applications (continued)
8.2.2 Application for External Digital Filter Interface
Figure 58 shows the connection diagram for an external digital filter.
Figure 58. Connection Diagram for External Digital Filter (Internal DF Bypass Mode) Application
8.2.2.1 Design Requirements
•
Control: Host controller with SPI communication
•
Audio Output: I/V output circuitry
•
Audio Input: Digital Audio Filter with I2S or DSD output
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as
it can provide improved stop-band attenuation when compared to the internal digital filter of the PCM1795 device.
The PCM1795 device supports several external digital filters, including:
•
Texas Instruments DF1704 and DF1706
•
Pacific Microsonics PMD200 HDCD filter/decoder IC
•
Programmable DSPs
42
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com