Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-8813 Datasheet HTML 1Page - Seiko Instruments Inc S-8813 Datasheet HTML 2Page - Seiko Instruments Inc S-8813 Datasheet HTML 3Page - Seiko Instruments Inc S-8813 Datasheet HTML 4Page - Seiko Instruments Inc S-8813 Datasheet HTML 5Page - Seiko Instruments Inc S-8813 Datasheet HTML 6Page - Seiko Instruments Inc S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8813 Series
Rev.2.1_00
2
Seiko Instruments Inc.
Block Diagrams
1. S-881300CPE
PFM
control
oscillator
(600 kHz)
ON/OFF
circuit
VIN
C
+
C
−
IOUT1
IOUT2
IOUT3
GND
CPOUT
RISET
Soft
Start
circuit
Switch
control
circuit
−
+
Reference
voltage
CPUMP=0.22 μF
COUT=10 μF
R1
*1
Rs
Rf
SW 1
SW 2
SW 3
SW 4
–
+
ON/OFF
CIN=4.7 μF
2. S-881300BPE
PFM
control
oscillator
(600 kHz)
ON/OFF
circuit
VIN
C
+
C
−
IOUT1
IOUT2
IOUT3
GND
CPOUT
VISET
Soft
Start
circuit
Switch
control
circuit
−
+
Reference
voltage
CPUMP=0.22 μF
COUT=10 μF
R2
*2
Rs
Rf
SW 1
SW 2
SW 3
SW 4
+
−
ON/OFF
CIN=4.7 μF
*1. Current setting resistance
*2. Internal resistance
Figure 1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com