Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8813 Datasheet HTML 1Page - Seiko Instruments Inc S-8813 Datasheet HTML 2Page - Seiko Instruments Inc S-8813 Datasheet HTML 3Page - Seiko Instruments Inc S-8813 Datasheet HTML 4Page - Seiko Instruments Inc S-8813 Datasheet HTML 5Page - Seiko Instruments Inc S-8813 Datasheet HTML 6Page - Seiko Instruments Inc S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8813 Series
Rev.2.1_00
4
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 2 Absolute Maximum Ratings
(Unless otherwise specified, Ta = 25
°C)
Item
Symbol
Absolute Maximum Rating
Unit
IOUT 1, 2, 3 pin voltage
VIOUT1,2,3
VSS−0.3 to VSS+7
V
C
+ pin voltage
VC+
VSS−0.3 to VSS+7.5
V
C
− pin voltage
VC−
VSS−0.3 to VSS+7
V
VIN pin voltage
VIN
VSS−0.3 to VSS+5
V
CPOUT pin voltage
VCPOUT
VSS−0.3 to VSS+7
V
RISET/VISET pin voltage
VRISET/VVISET
VSS−0.3 to VSS+7
V
OFF
ON/
pin voltage
OFF
ON/
V
VSS−0.3 to VIN+0.3
V
290 (When not mounted on board)
mW
Power dissipation
PD
700
*1
mW
Operating ambient
temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
400
Figure 3 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com