Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 9Page - Seiko Instruments Inc S-8813 Datasheet HTML 10Page - Seiko Instruments Inc S-8813 Datasheet HTML 11Page - Seiko Instruments Inc S-8813 Datasheet HTML 12Page - Seiko Instruments Inc S-8813 Datasheet HTML 13Page - Seiko Instruments Inc S-8813 Datasheet HTML 14Page - Seiko Instruments Inc S-8813 Datasheet HTML 15Page - Seiko Instruments Inc S-8813 Datasheet HTML 16Page - Seiko Instruments Inc S-8813 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Rev.2.1_00
S-8813 Series
Seiko Instruments Inc.
13
Application Circuit Examples
1. Variable Current Setting Resistance Type
Control
signal
0.22
μF
4.7
μF
White
LED
R1
*1=
5.6 k
Ω to
20 k
Ω
10
μF
IOUT3
IOUT2
IOUT1
C
−
C
+
GND
VIN
RISET
CPOUT
S-881300
CPE
ON/ OFF
Figure 11 Application Circuit 1 (S-881300CPE)
0
5
10
15
20
25
30
0
5
10
15
20
R1
*1 [k
Ω]
VIN=3.0 V, Ta=25°C
VIOUT=4.0 V
VIOUT =3.5 V
VIOUT=3.0 V
Figure 12 R1
*1 Dependence (S-881300CPE)
16.0
16.5
17.0
17.5
18.0
18.5
19.0
3.00
3.25
3.50
3.75
4.00
R1=5.6 kΩ, VIN=3.0 V, Ta=25°C
VIOUT [V]
Figure 13 VIOUT Dependence (S-881300CPE)
*1. Current setting resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com