Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 13Page - Seiko Instruments Inc S-8813 Datasheet HTML 14Page - Seiko Instruments Inc S-8813 Datasheet HTML 15Page - Seiko Instruments Inc S-8813 Datasheet HTML 16Page - Seiko Instruments Inc S-8813 Datasheet HTML 17Page - Seiko Instruments Inc S-8813 Datasheet HTML 18Page - Seiko Instruments Inc S-8813 Datasheet HTML 19Page - Seiko Instruments Inc S-8813 Datasheet HTML 20Page - Seiko Instruments Inc S-8813 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Rev.2.1_00
S-8813 Series
Seiko Instruments Inc.
17
VIH
VIL
TOFF
T
PWM Duty Ratio=
T
TOFF
TON
Figure 26 Wave Form Example of PWM Control signal
PWM Control Signal Conditions:
Min.
Typ.
Max.
fPWM
100 Hz
⎯
20 kHz
VP-P
2.0 V
⎯
4.5 V
VIH
2.0 V
⎯
4.5 V
VIL
0 V
⎯
0 V
fPWM: Pulse frequency
VP-P: Pulse amplitude
VIH:
Pulse input voltage (“H”)
VIL:
Pulse input voltage (“L”)
Output Impedance of the PWM Output Control Signal Source (RZ): Max.500 Ω
Calculation of IOUT According to PWM Duty Ratio: IOUT=1 V / (R1+RZ) × 100 × (1-Duty ratio)
Ideally, when the duty ratio is 0%, IOUT value is the 100 times value of the RISET pin voltage (1 V) divided by the
resistance of R1. However, the impedance from the RISET pin to the GND will serve as R1+RZ in actual operation.
RZ means the output impedance of the PWM control signal source when the PWM control signal is low level.
Therefore, the IOUT value varies depend on the RZ value.
Caution 1. Fix the PWM output to low level during standby (when the
OFF
ON/
pin is low level). If the
PWM Output is set to high level, leak current will flow.
2. When the PWM duty is set to 100%, the current to the LED will be switched off. However, the
IC will still keep operation. This is not the same as standby mode, and so the current
consumption will be the same as in normal operation mode.
3. The duty ratio indicates the percentage of the high-level pulse width to one period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com