Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8813 Datasheet HTML 1Page - Seiko Instruments Inc S-8813 Datasheet HTML 2Page - Seiko Instruments Inc S-8813 Datasheet HTML 3Page - Seiko Instruments Inc S-8813 Datasheet HTML 4Page - Seiko Instruments Inc S-8813 Datasheet HTML 5Page - Seiko Instruments Inc S-8813 Datasheet HTML 6Page - Seiko Instruments Inc S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Rev.2.1_00
3-CHANNEL WHITE LED DRIVER IC
(CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8813 Series
Seiko Instruments Inc.
1
The S-8813 Series is a PFM control charge pump DC-DC
converter with a built-in constant-current circuit, and was
developed using CMOS technology. Its constant current output
makes this series ideal as a power supply for current drive
LEDs.
The S-8813 Series features three output channels and can
drive three LEDs.
This series is available in two types: a variable voltage type and
a variable current setting resistance type.
Moreover, since small ceramic capacitors can be used as
external capacitors (pump capacitors, input capacitors, output
capacitors),
the
S-8813
Series
contributes
to
set
miniaturization.
Features
• PFM control CMOS charge pump
• Built-in constant-current circuit
• Power supply voltage: 2.7 V to 4.5 V
• Output current value: A current variable is possible between 5.0 mA and 18 mA
(At VIOUT1,2,3≤4.0 V, VIN=3.0 V)
Variable voltage type and Variable current setting resistance type are available.
• Terminal output current matching: ±1% max.
• Built-in soft start circuit:
1.5 ms typ.
• Constant current output pins:
3 channels,
±5% accuracy
• Oscillation frequency:
600 kHz typ.
• ON/OFF function provided (During standby: 1 µA max.)
• Ultra-small package:
10-Pin SON(B)
• Lead-free products
Applications
• Power supply for white LED display backlights
• Constant-current circuit
• Cellular phones and PDAs using 1-cell lithium batteries
• Power supply for flat panel displays
Package
Drawing Code
Package Name
Package
Tape
Reel
10-Pin SON(B)
PE010-A
PE010-A
PE010-A
Product Name List
• S-881300CPE-IPATFG (Variable current setting resistance type)
• S-881300BPE-IOQTFG (Variable voltage type)


Similar Part No. - S-8813

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFG SII-S-882125AMH-M2ATFG Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
More results

Similar Description - S-8813

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
High Current LED Flash Driver Charge Pump IC
3170.2006.11.1.1
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Sanyo Semicon Device
LC410591FN SANYO-LC410591FN Datasheet
88Kb / 11P
CMOS IC Power Supply IC with Built-in White LED Charge Pump
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
AAT3172 ANALOGICTECH-AAT3172_08 Datasheet
870Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
Video 75 W Driver IC built in Charge Pump Circuit
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com