Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc S-8813 Datasheet HTML 10Page - Seiko Instruments Inc S-8813 Datasheet HTML 11Page - Seiko Instruments Inc S-8813 Datasheet HTML 12Page - Seiko Instruments Inc S-8813 Datasheet HTML 13Page - Seiko Instruments Inc S-8813 Datasheet HTML 14Page - Seiko Instruments Inc S-8813 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Rev.2.1_00
S-8813 Series
Seiko Instruments Inc.
11
3. Constant current output circuit
The S-8813 Series features a three-channel constant current output circuit and enables driving of white
LEDs in the current mode.
In the case of the S-8813 Series, the constant current value can be controlled using one of the two
following methods according to the product.
In the case of the S-881300CPE, the desired constant current can be obtained with an external
resistance value. Since a reference voltage of 1 V
±2% is output to the RISET pin, application of
resistance R1 of 20 k
Ω to 5.6 kΩ between the RISET pin and GND results in the flow of a constant current
of 50
μA to 178 μA in the current setting resistance (R
1) due to the I = V/R relationship. Amplifying this
constant current 100 times and outputting it to IOUT1, IOUT2, and IOUT3 can obtain a constant current of
between 5 mA to 17.8 mA/channel.
IOUT1 (IOUT1=5.0 mA to 17.8 mA)
IOUT2 (IOUT2=5.0 mA to 17.8 mA)
IOUT3 (IOUT3=5.0 mA to 17.8 mA)
VCPOUT= 5.0 V
RISET
1 V
±2%
reference voltage
−
+
COUT=10 μF
R1=5.6 kΩ to 20 kΩ
1 : 100
CPOUT
Figure 8 Constant Current Circuit (S-881300CPE)
On the other hand, a constant current of the desired value can also be obtained for the S-881300BPE by
supplying the reference voltage to the VISET pin externally. Within the IC, a resistance of 10 k
Ω is applied
between the VISET pin and GND. The application of a reference voltage of between 0.5 V and 1.8 V to
the VISET pin results in the flow of a current between 50
μA and 180 μA in the internal resistor (R
2) due to
the I = V/R relationship. Amplifying this constant current 100 times and outputting it to IOUT1, IOUT2, and
IOUT3 can obtain a constant current of between 5 mA to 18 mA/channel.
IOUT1 (IOUT1=5.0 mA to 17.8 mA)
IOUT1 (IOUT1=5.0 mA to 17.8 mA)
IOUT1 (IOUT1=5.0 mA to 17.8 mA)
VCPOUT=5.0 V
VISET (VVISET=0.5 V to 1.8 V)
COUT=10 μF
R2=10 kΩ
1 : 100
−
+
CPOUT
Figure 9 Constant Current Circuit (S-881300BPE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com