Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 17Page - Seiko Instruments Inc S-8813 Datasheet HTML 18Page - Seiko Instruments Inc S-8813 Datasheet HTML 19Page - Seiko Instruments Inc S-8813 Datasheet HTML 20Page - Seiko Instruments Inc S-8813 Datasheet HTML 21Page - Seiko Instruments Inc S-8813 Datasheet HTML 22Page - Seiko Instruments Inc S-8813 Datasheet HTML 23Page - Seiko Instruments Inc S-8813 Datasheet HTML 24Page - Seiko Instruments Inc S-8813 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
Rev.2.1_00
S-8813 Series
Seiko Instruments Inc.
21
Major Power Supply Dependence Characteristics Examples
1.
Standby Consumption Current (ISSS) vs. Operation Input Voltage
(VIN) Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ta=
−40°C
Ta=25
°C
Ta=85
°C
VIN [V]
2. Power-Off Pin Input Voltage "H" (VSH) vs. Operation Input Voltage
(VIN) Characteristics
0.4
0.6
0.8
1.0
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN [V]
Ta=
−40°C
Ta=25
°C
Ta=85
°C
3.
Power-Off Pin Input Voltage "L" (VSL) vs. Operation Input
Voltage (VIN) Characteristics
0.4
0.6
0.8
1.0
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN [V]
Ta=
−40°C
Ta=25
°C
Ta=85
°C
4. RISET Pin Voltage (VRISET) vs. Operation Input Voltage (VIN) Characteristics
0.8
0.9
1.0
1.1
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN [V]
Ta=
−40°C
Ta=25
°C
Ta=85
°C
5. Efficiency
*1 (
η) vs. Operation Input Voltage (V
IN) Characteristics
Ta=25
°C
VIN [V]
From the top
IOUT=10 mA / ch
IOUT=20 mA / ch
IOUT=18 mA / ch
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
6. CPOUT Pin Voltage (VCPOUT) vs. Operation Input Voltage (VIN) Characteristics
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT=18 mA/ch, Ta=25°C
VIN [V]
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ta=
−40°C
Ta=25
°C
Ta=85
°C
7. Operation Consumption Current (ISS1) vs. Operation Input Voltage (VIN) Characteristics
500
600
700
800
900
1000
1100
1200
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN [V]
RISET=5.6 kΩ
Ta=
−40°C
Ta=25
°C
Ta=85
°C
8. Ripple Voltage (VRIP) vs. Operation Input Voltage (VIN) Characteristics
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ta=
−40°C
Ta=25
°C
Ta=85
°C
0
10
20
30
40
50
60
70
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com