Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 2Page - Seiko Instruments Inc S-8813 Datasheet HTML 3Page - Seiko Instruments Inc S-8813 Datasheet HTML 4Page - Seiko Instruments Inc S-8813 Datasheet HTML 5Page - Seiko Instruments Inc S-8813 Datasheet HTML 6Page - Seiko Instruments Inc S-8813 Datasheet HTML 7Page - Seiko Instruments Inc S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc S-8813 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8813 Series
Rev.2.1_00
6
Seiko Instruments Inc.
2. S-881300BPE
Table 4 Electrical Characteristics
(Unless otherwise specified, VIN = 3.0 V, current setting voltage = 1.8 V, Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Operation input
voltage
VIN
⎯
2.7
⎯
4.5
V
2
Stabilized output
current
IOUT
VIN = 3.0 V to 4.5 V
VIOUT1,2,3
*1
≤ 3.6 V
23
⎯
⎯
mA
VIN = 3.0 V to 4.5 V
VI OUT1,2,3
*1
≤ 4.0 V
18
⎯
⎯
VIN = 2.7 V to 3.0 V
VI OUT1,2,3
*1
≤ 3.6 V
14
⎯
⎯
Output current VIOUT
characteristics
ΔI
OUT1
VIN = 3.0 V,
VIOUT = 3.0 V to 4.0 V
⎯
0.5
1
Output current input
stability
ΔI
OUT2
VIN = 3.0 V to 4.5 V
VIOUT ≤ 3.6 V
⎯
0.5
1
Output current
accuracy
OUT
OUT1
I
ΔI
IOUT1,2,3 = 18 mA
−5.0
⎯
+5.0
%
Inter-pin output current
variation
ΔI
M
VIOUT = 3.6 V
−1.0
⎯
+1.0
Ripple voltage
VRIP
VIN=2.7 V to 4.5 V
⎯
⎯
100
mVp-p
Maximum oscillation
frequency
fosc
VCPOUT = 4.75 V
Measure waveform at C- pin
540
600
660
kHz
1
Efficiency
*2
η
VIN = 3.0 V
⎯
82
⎯
%
2
Operation
consumption current
ISS1
VIN = 2.7 V to 4.5 V
VCPOUT = 4.75 V
⎯
1
1.5
mA
1
Standby consumption
current
ISSS
VIN = 2.7 V to 4.5 V
⎯
0.3
1
μA
Power-off pin input
voltage (high level)
VSH
VIN = 2.7 V to 4.5 V
2.0
⎯
⎯
V
Power-off pin input
voltage (low level)
VSL
VIN = 2.7 V to 4.5 V
⎯
⎯
0.3
Power-off pin input
current (high level)
ISH
VIN = 2.7 V to 4.5 V
−0.1
⎯
0.1
μA
Power-off pin input
current (low level)
ISL
VIN = 2.7 V to 4.5 V
−0.1
⎯
0.1
Soft start time
tSS
VIN = 2.7 V to 4.5 V
0.3
1.5
3
ms
2
VISET pin voltage
VVISET
VIN = 2.7 V to 4.5 V
0.5
⎯
1.8
V
*1. VIOUT1, 2, 3 are the voltages of the IOUT pin.
*2. “Efficiency” in the electrical characteristics means the efficiency of the charge pump circuit block. The ideal
efficiency is indicated by the following expression.
Efficiency =[ VCPOUT × (IOUT1 +IOUT2 +IOUT3) ] / [ 2.0 × VIN × (IOUT1 +IOUT2 +IOUT3) ]
The ideal efficiency including the constant current circuit is expressed as following expression.
Efficiency =[ (VIOUT1 ×IOUT1) + (VIOUT2 ×IOUT2) + (VIOUT3 ×IOUT3) ] / [ 2.0 ×VIN × (IOUT1 +IOUT2 +IOUT3) ]
Remark The numbers in the "test circuit" column correspond to the circuit numbers in the “Measurement
Circuits” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com