Electronic Components Datasheet Search
  English  ▼

X  

S-8813 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-8813
Description  3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8813 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-8813 Datasheet HTML 8Page - Seiko Instruments Inc S-8813 Datasheet HTML 9Page - Seiko Instruments Inc S-8813 Datasheet HTML 10Page - Seiko Instruments Inc S-8813 Datasheet HTML 11Page - Seiko Instruments Inc S-8813 Datasheet HTML 12Page - Seiko Instruments Inc S-8813 Datasheet HTML 13Page - Seiko Instruments Inc S-8813 Datasheet HTML 14Page - Seiko Instruments Inc S-8813 Datasheet HTML 15Page - Seiko Instruments Inc S-8813 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
3-CHANNEL WHITE LED DRIVER IC (CHARGE PUMP IC WITH BUILT-IN CONSTANT-CURRENT CIRCUIT)
S-8813 Series
Rev.2.1_00
12
Seiko Instruments Inc.
4.
OFF
ON/
Pin (Power Off Pin)
Setting the
OFF
ON/
pin to the Low level ("L") causes the voltage of the CPOUT pin to change to the GND
potential and simultaneously the operation of all the internal circuit to stop. At this time, the consumption
current is largely reduced, to a level of approximately 0.3
μA.
VIN
VSS
VIN
ON/OFF
Figure 10 Equivalent Circuit of
OFF
ON/
Pin
5. Soft Start Function
The S-8813 Series features a built-in soft start circuit. Upon power application or when the
OFF
ON/
pin is switched from "L" to "H", the output voltage gradually rises over the soft start time,
and the output current is gradually output as a result. This soft start function reduces the input current
rush.
6. External Capacitor Selection
6.1 Input and Output Capacitors (CIN, COUT)
The input capacitor (CIN) lowers the power supply impedance and averages the input current, resulting in
improved efficiency.
The CIN value is selected according to the impedance of the power supply that is used. Select a ceramic
capacitor with a small equivalent series resistance (ESR). Although this figure varies according to the
impedance of the power supply that is used as well as the load current value, it is generally in the range of
4.7
μF to 10 μF.
For the output capacitor (COUT), select a ceramic capacitor with a small ESR for smoothing the ripple
voltage. A value of 10
μF is recommended for the capacitance value. Use of a capacitor with a
capacitance lower than 10
μF results in a larger ripple voltage as well as a larger ripple current for the
output current.
Conversely, use of a capacitor with a capacitance greater than 10
μF results in the output voltage not
being able to rise up to 5.0 V and the impossibility to obtain the desired output current.
6.2 Pump Capacitor (CPUMP)
The pump capacitor (CPUMP) is required for stepping up the voltage. Select a ceramic capacitor with a
small ESR. A capacitance value of 0.22
μF is recommended. Use of a capacitor with a capacitance
greater than 0.22
μF results in a larger ripple voltage as well as a larger ripple current for the output
current. Conversely, use of a capacitor with a capacitance lower than 0.22
μF results in the output voltage
not being able to raise up to 5.0 V and the impossibility to obtain the desired output current.
OFF
ON/
Pin
Oscillator
VCPOUT
Output Current
High level ("H")
Operating
5.0 V
Setting value
Low level ("L")
Stopped
VSS
0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com