Electronic Components Datasheet Search
  English  ▼

X  

L99DZ320 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics L99DZ320 Datasheet HTML 15Page - STMicroelectronics L99DZ320 Datasheet HTML 16Page - STMicroelectronics L99DZ320 Datasheet HTML 17Page - STMicroelectronics L99DZ320 Datasheet HTML 18Page - STMicroelectronics L99DZ320 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 146 page
background image
2.4.5
Voltage regulator V2
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
4.5 V < VS < 28 V, 4.5 V < VSREG < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 11. Voltage regulator 2
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Item
V2
Output voltage
VSREG ≥ 5.6 V
5.0
V
C.024
ΔVo
Output voltage tracking accuracy
ICC2 = 100 μA to 50 mA, ICC1 = 30 mA,
VSREG = 6.5 V to 28 V
-20
20
mV
C.038
ICCmax2 Output current limitation
80
170
mA
C.040
Cload2(1) Load capacitor 2
Ceramic (±20%)
1(2)
10
μF
C.042
V2fail
V2 fail threshold
V2 forced
2
3
V
C.043
tV2fail
V2 fail filter time
Tested by scan
12
µs
C.056
tV2short V2 short filter time
Tested by scan
4
ms
C.044
1. Specified by design, not tested in production.
2. Nominal capacitor value required for stability of the regulator. Tested with 1 µF ceramic (±20%). Capacitor must be located
close to the regulator output pin. A 2.2 µF capacitor value is recommended to minimize the DPI stress in the application.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 15/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com