Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 20 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 16Page - Texas Instruments SN65DP159 Datasheet HTML 17Page - Texas Instruments SN65DP159 Datasheet HTML 18Page - Texas Instruments SN65DP159 Datasheet HTML 19Page - Texas Instruments SN65DP159 Datasheet HTML 20Page - Texas Instruments SN65DP159 Datasheet HTML 21Page - Texas Instruments SN65DP159 Datasheet HTML 22Page - Texas Instruments SN65DP159 Datasheet HTML 23Page - Texas Instruments SN65DP159 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
0
0.5
DP159 Post EQ Eye Mask
20
75
t20
t75
(mV)
0.7
0.3
33.7
t33.7
Tbit
(ps)
25
t25
HDMI Mask
V
H
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Device
SMA
SMA
SMA
SMA
Avcc
(4)
RT
RT
(5)
AVcc
RT
RT
Jitter Test
Instrument
(2,3)
TTP4
TTP2
TTP1
FR4 PCB trace
(1)
and AC coupling
capacitors
FR4 PCB trace
RX
+EQ
OUT
RX
+EQ
OUT
SMA
SMA
SMA
SMA
TTP3
Jitter Test
Instrument
(2,3)
Data +
Data ±
Clk+
Clk±
Parallel
(6)
BERT
[No Pre-
emphasis]
REF
Cable
EQ
REF
Cable
EQ
TTP4_EQ
TTP2_EQ
20
SN65DP159, SN75DP159
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Parameter Measurement Information (continued)
(1)
The FR4 trace between TTP1 and TTP2 is designed to emulate 1-8” of FR4, AC coupling cap, connector and another
1-2” of FR4. Trace width – 4 mils. 100-Ω differential impedance.
(2)
All jitter is measured at a BER of 10-9.
(3)
Residual jitter reflects the total jitter measured at TTP4 minus the jitter measured at TTP1.
(4)
AVCC = 3.3-V
(5)
RT = 50-Ω
(6)
The input signal from parallel bit error rate tester (BERT) does not have any pre-emphasis. Refer to Recommended
Operating Conditions.
Figure 10. TMDS Output Jitter Measurement
Figure 11. Post EQ Input Eye Mask at TTP2_EQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com