Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 39 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 35Page - Texas Instruments SN65DP159 Datasheet HTML 36Page - Texas Instruments SN65DP159 Datasheet HTML 37Page - Texas Instruments SN65DP159 Datasheet HTML 38Page - Texas Instruments SN65DP159 Datasheet HTML 39Page - Texas Instruments SN65DP159 Datasheet HTML 40Page - Texas Instruments SN65DP159 Datasheet HTML 41Page - Texas Instruments SN65DP159 Datasheet HTML 42Page - Texas Instruments SN65DP159 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
39
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
9.5.4.2.4
Equalization Control Register
Table 9. Equalization Control Register
ADDRESS
BIT
DEFAULT
DESCRIPTION
ACCESS
0Dh
7:6
2’b00
Reserved
RW
5:3
1’b000
Data Lane EQ – Sets fixed EQ values
RW
HDMI1.4b[2]
000 – 0-dB
001 – 4.5-dB
010 – 6.5-dB
011 – 8.5-dB
100 – 10.5-dB
101 – 12-dB
110 – 14-dB
111 – 16.5-dB
HDMI2.0[3]
000 – 0-dB
001 – 3-dB
010 – 5-dB
011 – 7.5-dB
100 – 9.5-dB
101 – 11-dB
110 – 13-dB
111 – 14.5-dB
2:1
1’b00
Clock Lane EQ - Sets fixed EQ values
RW
HDMI1.4b[2]
00 – 0-dB
01 – 1.5-dB
10 – 3-dB
11 – RSVD
HDMI2.0[3]
00 – 0-dB
01 – 1.5-dB
10 – 3-dB
11 – 4.5-dB
0
1’b0
0 – Clock VOD is half the set value when TMDS_CLOCK_RATIO_STATUS
states in HDMI2.0 mode
1 – Disables TMDS_CLOCK_RATIO_STATUS control of the clock VOD so the
output swing is full swing
RW
9.5.4.2.5
EyeScan Control Register
Table 10. EyeScan Control Register
ADDRESS
BITS
DEFAULT
DESCRIPTION
ACCESS
0Eh
7:4
4’b0000
PV_SYNC[3:0]. Pattern timing pulse. This field is updated for 8UI once
every cycle of the PRBS generator. 1 bit per lane.
R
3:0
4’b0000
PV_LD[3:0]. Load pattern-verifier controls into RX lanes. When asserted
high, the PV_TO, PV_SEL, PV_LEN, PV_CP20, and PV_CP values are
enabled into the corresponding RX lane. These values are then latched
and held when PV_LD[n] is subsequently de-asserted low. 1 bit per lane.
RWU
0Fh
7:4
4’b0000
PV_FAIL[3:0]. Pattern verification mismatch detected. 1 bit per lane.
RU
3:0
4’b0000
PV_TIP[3:0]. Pattern search/training in progress. 1 bit per lane.
RU
10h
7
1’b0
PV_CP20. Customer pattern length 20 or 16 bits.
0 – 16 bits
1 – 20 bits
RW
6
1’b0
Reserved
R
5:3
3’b000
PV_LEN[2:0]. PRBS pattern length
000 – PRBS7
001 – PRBS11
010 – PRBS23
011 – PRBS31
100 – PRBS15
101 – PRBS15
110 – PRBS20
111 – PRBS20
RW
2:0
3’b000
PV_SEL[24:0]. Pattern select control
000 – Disabled
001 – PRBS
010 – Clock
011 – Custom
1xx – Timing only mode with sync pulse spacing defined by PV_LEN
RW
11h
7:0
‘h00
PV_CP[7:0]. Custom pattern data.
RW
12h
7:0
‘h00
PV_CP[15:8]. Custom pattern data.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com