Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 28 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 24Page - Texas Instruments SN65DP159 Datasheet HTML 25Page - Texas Instruments SN65DP159 Datasheet HTML 26Page - Texas Instruments SN65DP159 Datasheet HTML 27Page - Texas Instruments SN65DP159 Datasheet HTML 28Page - Texas Instruments SN65DP159 Datasheet HTML 29Page - Texas Instruments SN65DP159 Datasheet HTML 30Page - Texas Instruments SN65DP159 Datasheet HTML 31Page - Texas Instruments SN65DP159 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
1
10
9
8
7
6
5
4
3
2
24
21
22
23
25
26
27
28
29
30
I2C_EN/GPIO
HPD_SRC
OUT_CLKp
OUT_CLKn
OUT_D0p
OUT_D0n
OUT_D1p
OUT_D1n
OUT_D2p
OUT_D2n
HPD_SNK
IN_CLKn
IN_CLKp
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
HDMI_SEL
1
10
9
8
7
6
5
4
3
2
24
21
22
23
25
26
27
28
29
30
40-Pin RSB
In Normal Working
40-Pin RSB
In Swap Working
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
OUT_CLKp
OUT_CLKn
OUT_D0p
OUT_D0n
OUT_D1p
OUT_D1n
OUT_D2p
OUT_D2n
HPD_SNK
HDMI_SEL
I2C_EN/GPIO
HPD_SRC
IN_CLKn
IN_CLKp
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
1
10
9
8
7
6
5
4
3
2
30
25
26
27
28
29
11
12
31
32
33
34
35
36
HPD_SRC
GND
OUT_D0p
OUT_D0n
TERM_CTL
I2C_EN/PIN
HPD_SNK
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
IN_CLKn
IN_CLKp
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_CLKp
OUT_CLKn
SWAP/POL
GND
1
10
9
8
7
6
5
4
3
2
30
25
26
27
28
29
11
12
31
32
33
34
35
36
TERM_CTL
SWAP = Z
In Normal Working
SWAP = L
In Swap Working
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
OUT_D0p
OUT_D0n
HPD_SNK
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_CLKp
OUT_CLKn
GND
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
HPD_SRC
GND
I2C_EN/PIN
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
IN_CLKn
IN_CLKp
SWAP/POL
A1
A1
28
SN65DP159, SN75DP159
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Figure 24. SNx5DP159 Swap Function for 48 Pins
Figure 25. SNx5DP159 Swap Function for 40 Pins
The SNx5DP159 can also change the polarity of the input signals. When SWAP/POL is high, the n and p pins on
each lane will swap.Use Register 0x9h bit 6 to swap polarity using I2C. Polarity swap only works for retimer
mode. When the device is in automatic redriver to retimer mode this only works when device is in retimer stage.
If set and data rate falls below 1.0-Gbps in this mode the polarity function will be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com