Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 3Page - Texas Instruments SN65DP159 Datasheet HTML 4Page - Texas Instruments SN65DP159 Datasheet HTML 5Page - Texas Instruments SN65DP159 Datasheet HTML 6Page - Texas Instruments SN65DP159 Datasheet HTML 7Page - Texas Instruments SN65DP159 Datasheet HTML 8Page - Texas Instruments SN65DP159 Datasheet HTML 9Page - Texas Instruments SN65DP159 Datasheet HTML 10Page - Texas Instruments SN65DP159 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
7
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Pin Functions (continued)
PIN(1)
I/O
DESCRIPTION(2)
SIGNAL NAME
RGZ
RSB
OUT_D0n
28
24
O
TMDS data 0 differential output
OUT_D0p
29
25
OUT_CLKn
25
21
O
TMDS data clock differential output
OUT_CLKp
26
22
HOT PLUG DETECT PINS
HPD_SRC
4
3
O
Hot plug detect output
HPD_SNK
33
28
I (Failsafe)
Hot plug detect input
AUXILIARY/DDC DATA PINS
AUX_SRCp
45
N/A
I/O
Source side bidirectional DisplayPort auxiliary for I2C-over-AUX (DP159RGZ only)
AUX_SRCn
44
N/A
SDA_SRC
47
39
I/O (Failsafe)
Source side TMDS port bidirectional DDC data line
SCL_SRC
46
38
SDA_SNK
39
33
I/O (Failsafe)
Sink side TMDS port bidirectional DDC data lines
SCL_SNK
38
32
CONTROL PINS
OE
42
36
I
Operation enable/reset pin
OE = L: Power-down mode
OE = H: Normal operation
Internal weak pullup: Resets device when transitions from H to L
NC (1)
17
N/A
I
No connect
CEC_EN (1)
18
N/A
O
CEC control pin for Dongle applications
SLEW_CTL
40
34
I
3
level (2)
Slew rate control when I2C_EN/PIN = Low.
SLEW_CTL = H, fastest data rate
SLEW_CTL = L, 5 ps slow
SLEW_CTL = No Connect, 10 ps slow
When I2C_EN/PIN = High Slew rate is controlled through I2C[4]
PRE_SEL
20
16
I
3
level (2)
De-emphasis pin strap when I2C_EN/PIN = Low.
PRE_SEL = L: - 2 dB de-emphasis
PRE_SEL = No Connect: 0 dB
PRE_SEL = H: Reserved
EQ_SEL/A0
21
17
I
3
level (2)
Input Receive Equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5 dB
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL = H: Fixed at 14 dB
When I2C_EN/PIN = High
Address bit 1
Note: (3 level for pin strap programming but 2 level when I2C[4] address)
I2C_EN/PIN
10
8
I
I2C_EN/PIN = High; puts device into I2C control mode
I2C_EN/PIN = Low; puts device into pin strap mode
SCL_CTL
15
13
I
I2C clock signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
SDA_CTL
16
14
I/O
I2C data signal
Note: When I2C_EN/PIN = Low Pin strapping take priority and those functions cannot be
changed by I2C
Vsadj
22
18
I
TMDS-compliant voltage swing control nominal resistor to GND
HDMI_SEL/A1
27
23
I
HDMI_SEL when I2C_EN/PIN = Low
HDMI_SEL = High: Device configured for DVI
HDMI_SEL = Low: Device configured for HDMI (Adaptor ID block is readable through I2C[4]
or I2C-over-AUX.
When I2C_EN/PIN = High
Address bit 2
Note: Weak internal pull down
TX_TERM_CTL (1)
36
N/A
I
3
level (2)
Transmit Termination Control when I2C_EN/PIN = Low
TX_TERM_CTL = H, No transmit termination
TX_TERM_CTL = L, Transmit termination impedance in 75 to about 150
Ω
TX_TERM_CTL = No Connect, automatically selects the termination impedance
Data rate (DR) > 3.4 Gbps – 75- to 150-Ω differential near end termination
2 Gbps < DR < 3.4 Gbps – 150- to 300-Ω differential near end termination
DR < 2 Gbps – no termination
Note: If left floating will be in automatic select mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com