Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 9Page - Texas Instruments SN65DP159 Datasheet HTML 10Page - Texas Instruments SN65DP159 Datasheet HTML 11Page - Texas Instruments SN65DP159 Datasheet HTML 12Page - Texas Instruments SN65DP159 Datasheet HTML 13Page - Texas Instruments SN65DP159 Datasheet HTML 14Page - Texas Instruments SN65DP159 Datasheet HTML 15Page - Texas Instruments SN65DP159 Datasheet HTML 16Page - Texas Instruments SN65DP159 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
13
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
7.8 AUX, DDC, and I
2C Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIO
Input capacitance
AUX data rate = 1-MHz
10
pF
CAC
AUX AC coupling capacitance
75
200
nF
DR(AUX)
Data rate of the AUX channel input
0.8
1
1.2
Mbps
VI-DC(AUX)
DC input voltage on AUX channel,
AUX_SRCp/n: 100-k
Ω pull up to 3.6 V
but differential common mode is 2 V
or less.
-0.5
3.6
V
VAUX_DIFF_PP_TX
Peak-to-peak differential voltage at
TX pins
VAUX_DIFF_PP = 2 × |VAUXP – VAUXN|
0.29
1.38
V
VAUX_DIFF_PP_RX
Peak-to-peak differential voltage at
RX pins
VAUX_DIFF_PP = 2 × |VAUXP – VAUXN|
0.14
1.36
V
VAUX_DC_CM
AUX channel DC common mode
voltage
0
2
V
IAUX_SHORT
AUX channel short circuit current limit
90
mA
VI-DC
SCL/SDA_SNK DC input voltage
–0.3
5.6
V
SCL/SDA_CTL, SCL/SDA_SRC DC
input voltage
-0.3
3.6
V
VIL
SCL/SDA_SNK, SCL/SDA_SRC Low
level input voltage
0.3 x VCC
V
SCL/SDA_CTL Low level input
voltage
0.3 x VCC
V
VIH
SCL/SDA_SNK high level input
voltage
3
V
SCL/SDA_SRC high level input
voltage
0.7 x VCC
V
SCL/SDA_CTL high level input
voltage
0.7 x VCC
V
VOL
SCL/SDA_CTL, SCL/SDA_SRC low-
level output voltage
I0 = 3-mA and VCC > 2-V
0.4
V
I0 = 3-mA and VCC < 2-V
0.2 VCC
V
fSCL
SCL clock frequency fast I2C mode
for local I2C control
400
kHz
Cbus
Total capacitive load for each bus line
(DDC and local I2C pins)
400
pF
7.9 HPD Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
HPD_SNK
2.1
V
VIL
Low-level input voltage
HPD_SNK
0.8
V
VOH
High-level output voltage
IOH = –500-µA; HPD_SRC
2.4
3.6
V
VOL
Low-level output voltage
IOL = 500-µA; HPD_SRC
0
0.1
V
ILEAK
Failsafe condition leakage current
VCC = 0-V; VDD = 0-V; HPD_SNK = 5-V
40
μA
IH_HPD
High-level input current
Device powered; VIH = 5-V;
IH_HPD includes RpdHPD resistor current
40
μA
IL_HPD
Low-level input current
Device powered; VIL = 0.8-V;
IL_HPD includes RpdHPD resistor current
30
RpdHPD
HPD input termination to GND
VCC = 0-V
150
190
220
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com