Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 36 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 32Page - Texas Instruments SN65DP159 Datasheet HTML 33Page - Texas Instruments SN65DP159 Datasheet HTML 34Page - Texas Instruments SN65DP159 Datasheet HTML 35Page - Texas Instruments SN65DP159 Datasheet HTML 36Page - Texas Instruments SN65DP159 Datasheet HTML 37Page - Texas Instruments SN65DP159 Datasheet HTML 38Page - Texas Instruments SN65DP159 Datasheet HTML 39Page - Texas Instruments SN65DP159 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
36
SN65DP159, SN75DP159
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
9.5.4 I2C Control and Status Registers
Reads from reserved fields return 0, and writes to read-only reserved registers are ignored. Writes to reserved
registers, which are marked with ‘W’, produce unexpected behavior. All addresses not defined by this
specification are considered reserved. Reads from these addresses return 0 and writes will be ignored.
9.5.4.1 Bit Access Tag Conventions
A table of bit descriptions is typically included for each register description that indicates the bit field name, field
description, and the field access tags. The field access tags are described in Table 5.
Table 5. Field Access Tags
ACCESS TAG
NAME
DESCRIPTION
R
Read
The field is read by software
W
Write
The field is written by software
S
Set
The field is set by a write of one. Writes of 0 to the field have no effect
C
Clear
The field is cleared by a write of 1. Writes of 0 to the field have no
effect
U
Update
Hardware may autonomously update this field
NA
No access
Not accessible or not applicable
9.5.4.2 CSR Bit Field Definitions
9.5.4.2.1
ID Registers
Table 6. ID Registers
ADDRESS
BIT
DESCRIPTION
ACCESS
00h:07h
7:0
DEVICE_ID
These fields return a string of ASCII characters “DP159” followed by three space characters.
Address 0x00 – 0x07 = {0x44”D”, 0x50”P”, 0x31”1”, 0x35”5”, 0x39”9”, 0x20, 0x20, 0x20}
R
08h
7:0
REV _ID. This field identifies the device revision.
0000001 – DP159 revision 1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com