Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 49 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 49 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 45Page - Texas Instruments SN65DP159 Datasheet HTML 46Page - Texas Instruments SN65DP159 Datasheet HTML 47Page - Texas Instruments SN65DP159 Datasheet HTML 48Page - Texas Instruments SN65DP159 Datasheet HTML 49Page - Texas Instruments SN65DP159 Datasheet HTML 50Page - Texas Instruments SN65DP159 Datasheet HTML 51Page - Texas Instruments SN65DP159 Datasheet HTML 52Page - Texas Instruments SN65DP159 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
49
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
(1)
L = LOW, H = HIGH
11 Power Supply Recommendations
11.1 Power Management
To minimize the power consumption of customer application, SNx5DP159 uses dual power supply. VCC is 3.3-V
with 10% range to support the I/O voltage. The VDD is 1.00-V to 1.27-V range to supply the internal digital control
circuit. v operates in two different working states. See Table 14 for conditions for each mode. When OE is
deasserted and then reasserted the device will rest to its default configurations. If different configurations were
programmed using I2C then the device will have to be reprogrammed.
•
Power-down mode:
–
OE = Low puts the device into its lowest power state by shutting down all function blocks
–
When OE is re-asserted the transitions from L
→ H will create a reset and if the device is programmed
through I2C it will have to be reprogrammed.
–
OE = High, HPD_SNK = Low
–
Writing a 1 to register 09h[3]
•
Normal operation: Working in redriver or retimer
•
When HPD asserts, the device CDR and output will enable based on the signal detector circuit result
•
HPD_SRC = HPD_SNK in all conditions. The HPD channel operational when VCC over 3-V.
NOTE
When the SNx5DP159 is put into a power down state using the OE pin the I2C registers
are cleared. The TMDS_CLOCK_RATIO_STATUS bit will be cleared in all power down
states. If cleared and HDMI2.0 resolutions are to be supported, the SNx5DP159 expects
the source to write a 1 to this bit location. If this does not happen the PLL will not be set
properly and no video may be evident.
Table 14. Control Logic and Mode of Operation
INPUTS
(1)
STATUS
MODE
HPD_SNK
OE
Mode of
Operation
HPD_SRC
IN_Dx
SDA_CTL
SCL_CTL
OUT_Dx
OUT_CLK
DDC
AUX_SRC±
(48 PIN ONLY)
H
L
X
H
High-Z
Disabled
High-Z
Disabled
Disable
Power-down
mode
L
H
X
L
High-Z
Active
High-Z
Disabled
Disable
Power-down
mode
H
H
X
H
High-Z
Active
High-Z
Disabled
Disable
Power-down
mode when a one
is written to 09h[3]
H
H
Redriver
H
RX active
Active
TX active
Active
Active
Normal operation
H
H
Retimer
H
RX active
Active
TX active
Active
Active
Normal operation
(1)
L = LOW, H = HIGH
TMDS output termination control impacts the operating power.
Table 15. Control Logic and Mode of Operation
INPUTS
(1)
STATUS
MODE
HPD_SNK
OE
Mode of Operation
HPD_SRC
IN_Dx
SDA_CTL
SCL_CTL
OUT_Dx
OUT_CLK
DDC
H
L
X
H
High-Z
Disabled
High-Z
Disabled
Power-down mode
L
H
X
L
High-Z
Active
High-Z
Disabled
Power-down mode
H
H
X
H
High-Z
Active
High-Z
Disabled
Power-down mode
when a one is written
to 09h[3]
H
H
Redriver
H
RX active
Active
TX active
Active
Normal operation
H
H
Retimer
H
RX active
Active
TX active
Active
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com