Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 5 Page - Texas Instruments

  SN65DP159 Datasheet HTML 1Page - Texas Instruments SN65DP159 Datasheet HTML 2Page - Texas Instruments SN65DP159 Datasheet HTML 3Page - Texas Instruments SN65DP159 Datasheet HTML 4Page - Texas Instruments SN65DP159 Datasheet HTML 5Page - Texas Instruments SN65DP159 Datasheet HTML 6Page - Texas Instruments SN65DP159 Datasheet HTML 7Page - Texas Instruments SN65DP159 Datasheet HTML 8Page - Texas Instruments SN65DP159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
1
SWAP/POL
36
TX_TERM_CTL
2
IN_D2p
35
OUT_D2p
3
IN_D2n
34
OUT_D2n
4
HPD_SRC
33
HPD_SNK
5
IN_D1p
32
OUT_D1p
6
IN_D1n
31
OUT_D1n
7
GND
30
GND
8
IN_D0p
29
OUT_D0p
9
IN_D0n
28
OUT_D0n
10
I2C_EN/PIN
27
HDMI_SEL/A1
11
IN_CLKp
26
OUT_CLKp
12
IN_CLKn
25
OUT_CLKn
Not to scale
Thermal
Pad
5
SN65DP159, SN75DP159
www.ti.com
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
5 Description (continued)
The SNx5DP159 receiver uses several methods to determine whether the application supports HDMI1.4b[2] or
HDMI2.0[3] data rates. The SNx5DP159 receiver comes in two packages: a 40-pin RSB supporting space-
constrained applications and a 48-pin RGZ version supporting the full feature set for DisplayPort dual-mode
standard version 1.1 in applications such as dongles.
The SN65DP159 device is characterized for an industrial operational temperature range from –40°C to 85°C.
The SN75DP159 device is characterized for an extended commercial operational temperature range from 0°C to
85°C.
6 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com