Electronic Components Datasheet Search
  English  ▼

X  

SN65DP159 Datasheet(PDF) 32 Page - Texas Instruments

Part # SN65DP159
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN65DP159 Datasheet HTML 28Page - Texas Instruments SN65DP159 Datasheet HTML 29Page - Texas Instruments SN65DP159 Datasheet HTML 30Page - Texas Instruments SN65DP159 Datasheet HTML 31Page - Texas Instruments SN65DP159 Datasheet HTML 32Page - Texas Instruments SN65DP159 Datasheet HTML 33Page - Texas Instruments SN65DP159 Datasheet HTML 34Page - Texas Instruments SN65DP159 Datasheet HTML 35Page - Texas Instruments SN65DP159 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
32
SN65DP159, SN75DP159
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Retimer Mode
Clock and data recovery circuits (CDR) are used to track, sample and retime the equalized data bit streams. The
CDRs are designed with loop bandwidth to minimize the amount of jitter transfer from the video source to the
TMDS outputs. Input jitter within the CDR’s PLL bandwidth, < 1-MHz, will be transferred to the TMDS outputs.
Higher frequency jitter above the CDR loop bandwidth is attenuated, providing a jitter cleaning function to reduce
the amount of high frequency jitter from the video source. The retimer is automatically activated at pixel clock
above approximately 100-MHz when jitter cleaning is needed for robust operation. The retimer operates at about
1.0 to 6-Gbps DR supporting HDMI2.0[3]. At pixel clock frequency below about 100 MHz, the SNx5DP159
automatically bypasses the internal retimer and operates as a redriver. When the video source changes
resolution, the internal retimer starts the acquisition process to determine the input clock frequency and acquire
lock to the new data bit streams. During the clock frequency detection period and the retimer acquisition period
(that last approximately 7-ms), the TMDS drivers can be kept active (default) or programmed to be disabled to
avoid sending invalid clock or data to the downstream receiver.
9.4.2 Redriver Mode
The SNx5DP159 also has a redriver mode that can be enabled through I2C[4]; at offset address 0Ah bits 1:0
DEV_FUNC_MODE. When in this mode, the CDR and PLL are shut off, thus reducing power. Jitter performance
is degraded as the device will now only compensate for ISI loss in the link. In redriver mode HDMI2.0[3]
compliance is not guaranteed as skew compensation and retiming functions are disabled. Excessive random or
phase jitter will not be compensated.
9.4.3 DDC Training for HDMI2.0 Data Rate Monitor
As part of discovery, the source reads the sink’s E-EDID information to understand the sink’s capabilities. Part of
this read is HDMI forum vendor specific data block (HF-VSDB) MAX_TMDS_Character_Rate byte to determine
the data rate supported. Depending upon the value, the source will write to slave address 0xA8 offset 0x20 bit1,
TMDS_CLOCK_RATIO_STATUS. The SNx5DP159 snoops this write to determine the TMDS clock ratio and
thus sets its own TMDS_CLOCK_RATIO_STATUS bit accordingly. If a 1 is written, then the TMDS clock is 1/40
of TMDS bit period. If a 0 is written, then the TMDS clock is 1/10 of TMDS bit period. The SNx5DP159 will
always default to 1/10 of TMDS bit period unless a 1 is written to address 0xA8 offset 0x20 bit 1. When
HPD_SNK is de-asserted, this bit is reset to default values. If the source does not write this bit the SNx5DP159
will not be configured for TMDS clock 1/40 mode in support of HDMI2.0. As the SNx5DP159 is in link but not
recognized as part of the link it is possible that the source could read the sink EDID where this bit is set and
does not re-write this bit. If the SNx5DP159 has entered a power down state this bit is cleared and does not re-
set on a read. To work properly the bit has to be set again with a write by the source.
9.4.4 DDC Functional Description
The SNx5DP159 solves sink- or source-level issues by implementing a master/slave control mode for the DDC
bus. When the SNx5DP159detects the start condition on the DDC bus from the SDA_SRC/SCL_SRC, it will
transfer the data or clock signal to the SDA_SNK/SCL_SNK with little propagation delay. When SDA_SNK
detects the feedback from the downstream device, the SNx5DP159 will pull up or pull down the SDA_SRC bus
and deliver the signal to the source.
The DDC link defaults to 100 kbps, but can be set to various values including 400 kbps by setting the correct
value to address 22h (see Table 3) through the I2C access on the DDC interface. The DDC lines are 5-V
tolerant. The HPD_SRC goes to high impedance when VCC is under low power conditions, < 1.5-V.
NOTE
The SNx5DP159 uses clock stretching for DDC transactions. As there are sources and
sinks that do no perform this function correctly a system may not work correctly as DDC
transactions are incorrectly transmitted/received. To overcome this a snoop configuration
can be implemented where the SDA/SCL from the source is connected directly to the
SDA/SCL sink. The SNx5DP159 will need its SDA_SNK and SCL_SNK pins connected to
this link in order to the SNx5DP159 to configure the TMDS_CLOCK_RATIO_STATUS bit.
Care must be taken when this configuration is being implemented as the voltage levels for
DDC between the source and sink may be different, 3.3 V vs 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com