| Electronic Components Datasheet Search |
|
RFM95 Datasheet(PDF) 63 Page - Shenzhen Hope Microelectronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
RFM95 Datasheet(HTML) 63 Page - Shenzhen Hope Microelectronics Co., Ltd. |
|
63 / 121 page ![]() Page 63 RFM95/96/97/98(W) Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com WIRELESS & SENSING PRELIMINARY DATASHEET Rx DATA (NRZ) Bit N-x = Sync_value[x] Bit N-1 = Sync_value[1] Bit N = Sync_value[0] DCLK SyncAddressMatch Figure 28. Sync Word Recognition During the comparison of the demodulated data, the first bit received is compared with bit 7 (MSB) of RegSyncValue1 and the last bit received is compared with bit 0 (LSB) of the last byte whose address is determined by the length of the Sync word. When the programmed Sync word is detected the user can assume that this incoming packet is for the node and can be processed accordingly. SyncAddressMatch is cleared when leaving Rx or FIFO is emptied. Configuration Size: Sync word size can be set from 1 to 8 bytes (i.e. 8 to 64 bits) via SyncSize in RegSyncConfig. In Packet mode this field is also used for Sync word generation in Tx mode. Value: The Sync word value is configured in SyncValue(63:0). In Packet mode this field is also used for Sync word generation in Tx mode. Note SyncValue choices containing 0x00 bytes are not allowed Packet Handler The packet handler is the block used in Packet mode. Its functionality is fully described in section 4.2.13. Control The control block configures and controls the full chip's behavior according to the settings programmed in the configuration registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |