Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 11 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 11 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 7Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 8Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 9Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 10Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 11Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 12Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 13Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 14Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 15Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
Page 11
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
1.4. Pin Description
 
Number
 
 
Name
 
 
Type
 
 
Description
 
Description Stand Alone Mode
 
1
 
GND
-
 
 
Ground
 
2
 
MISO
I
 
 
SPI Data output
 
3
 
MOSI
O
 
 
SPI Data input
 
4
 
SCK
I
 
 
SPI Clock input
 
5
 
NSS
I
 
 
SPI Chip select input
 
6
 
RESET
I/O
 
 
Reset trigger input
 
7
 
DIO5
I/O
 
 
Digital I/O, software configured
 
8
 
GND
-
 
 
Ground
 
9
ANT
-
 
 
RF signal output/input.
 
10
GND
-
 
 
Ground
 
11
DIO3
I/O
 
 
Digital I/O, software configured
 
12
DIO4
I/O
 
 
Digital I/O, software configured
 
13
3.3V
-
 
 
Supply voltage
 
14
DIO0
I/O
 
 
Digital I/O, software configured
 
15
DIO1
I/O
 
 
Digital I/O, software configured
 
16
DIO2
I/O
 
 
Digital I/O, software configured
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com