| Electronic Components Datasheet Search |
|
RFM95 Datasheet(PDF) 37 Page - Shenzhen Hope Microelectronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
RFM95 Datasheet(HTML) 37 Page - Shenzhen Hope Microelectronics Co., Ltd. |
|
37 / 121 page ![]() Page 37 RFM95/96/97/98(W) Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com WIRELESS & SENSING PRELIMINARY DATASHEET Each time the RxDone interrupt is received, latch the RegFifoRxByteAddr[7:0] register content in a variable , this variable will be called start_address. The RegFifoRxByteAddr[7:0] register of the RFM95/96/97/98(W) gives in real time the address of the last byte written in the data buffer + 1 (or the address at which the next byte will be written) by the receive LoRa modem . So by doing this , we make sure that the variable start_address always contains the start address of the next packet. Upon reception of the interrupt ValidHeader, start polling the RegFifoRxByteAddr[7:0] register until it begins to increment. The speed at which this register will increment depends on the Spreading factor, the error correction code and the modulation bandwidth. (Note that this interrupt is still generated in implicit mode). As soon as RegFifoRxByteAddr[7:0] >= start address + 4, the first 4 bytes (address) are stored in the FIFO data buffer. These can be read and tested to see if the packet is destined for the radio and either remaining in Rx mode to receive the packet or returning to sleep mode if not. Receiver Timeout Operation In either single or continuous LoRaTM reception modes, a receiver timeout functionality is available that permits the receiver to listen for a pre-determined period of time before generating an interrupt signal to indicate that no valid packets have been received. The timer is absolute and commences as soon as the radio is placed in either single or continuous receive mode. The interrupt itself, RxTimeout, can be found in the interrupt register RegIrqFlags. In Rx Single mode, the device will return in Stanby mode as soon as the interrupt occurs and the interrupt needs to be cleared before to return in Rx Single mode. In Rx Continuous mode, the interrupt will interrupt will simply be raised but the device will stay in Rx Continous mode. It is therefore the responsability on the controller to clear the interrupt while still in Rx Continuous mode. The programmed timeout value is expressed as a multiple of the symbol period and is given by: TimeOut = LoraRxTimeout · Ts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |