Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 17 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 17 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 13Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 14Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 15Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 16Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 17Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 18Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 19Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 20Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 21Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
Page 17
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 55 LoRa Receiver Specification.
Symbol
Description
Conditions
Min.
Typ
Max
Unit
Lower Bands, Lower BW
Lower Bands, BW = 125 kHz
Lower Bands, BW = 250 kHz
Lower Bands, BW = 500 kHz
-
-
-
-
TBC
11.5
12.4
13.8
-
-
-
-
mA
mA
mA
mA
IDDR_L
Supply current in receiver LoraTM 
mode, LnaBoost off
Higher Bands, Lower BW
Higher Bands, BW = 125 kHz
Higher Bands, BW = 250 kHz
Higher Bands, BW = 500 kHz
-
-
-
-
TBC
10.3
11.1
12.6
-
-
-
-
mA
mA
mA
mA
IDDT_L
Supply current in transmitter mode
RFOP = 13 dBm
RFOP = 7 dBm
-
-
28
20
-
-
mA
mA
IDDT_H_L
Supply current in transmitter mode
with an external impedance
transformation
Using PA_BOOST pin
RFOP = 17 dBm
-
90
-
mA
BI_L
Blocking immunity, FRF=868 MHz
CW interferer
offset = +/- 1 MHz
offset = +/- 2 MHz
offset = +/- 10 MHz
-
TBC
TBC
TBC
dB
dB
dB
IIP3_L_HF
3rd order Input Intercept point
Unwanted tones are 1MHz and 1.995
MHz above the LO
Higher bands
Highest LNA gain G1
LNA gain G2, 4dB sensitivity hit
-
-
-12.5
-8.5
-
-
dBm
dBm
IIP3_L_LF
3rd order Input Intercept point
Unwanted tones are 1MHz and 1.995
MHz above the LO
Lower bands
Highest LNA gain G1
LNA gain G2, 2.5dB sensitivity
hit
-
-
-22
-16
-
-
dBm
dBm
IIP2_L
2nd order input intercept point,
highest LNA gain, FRF=868 MHz,
CW interferer.
F1 = FRF + 20 MHz
F2 = FRF+ 20 MHz +
Δf
-
+55
-
dBm
BR_L
Bit rate, Long-Range Mode
From SF6, BW=500kHz to
SF12, BW=7.8kHz
0.018
-
37.5
kbps
RFS_L10
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
10.4 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
TBC
-134
TBC
TBC
TBC
TBC
TBC
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
RFS_L62
RF sensitivity, Long-Range Mode,
highest LNA gain, LNA boost for
higher bands, using split Rx/Tx path
62.5 kHz bandwidth
SF = 6
SF = 7
SF = 8
SF = 9
SF = 10
SF = 11
SF = 12
-
-
-
-
-
-
-
-121
-126
-129
-132
-135
-137
-139
-
-
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Table 56. Electrical specifications:
LoraTM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com