Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 29 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 29 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 25Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 26Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 27Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 28Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 29Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 30Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 31Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 32Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 33Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Page 29
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.2.
LoRaTM  Digital Interface
The LoRaTM  modem comprises three types of digital interface, static configuration registers, status registers and a FIFO
data buffer. All are accessed through the RFM95/96/97/98(W)’s SPI interface - full details of each type of register are
given below. Full listings of the register addresses used for SPI access are given in Section 6.4.
4.1.2.1.
LoRaTM Configuration Registers
Configuration registers are accessed through the SPI interface. Registers are readable in all device mode including Sleep.
However, they should be written only in Sleep and Stand-by modes. Please note that the automatic top level
sequencer (TLS modes) are not available in
LoRaTM   mode and the configuration register mapping changes as
shown in Table
85. The content of the LoRaTM configuration registers is retained in FSK/OOK mode. For the functionality of
mode registers common to both FSK/OOK and LoRaTM  mode, please consult the Analog and RF Front End section of this
document (Section 5).
4.1.2.2. Status Registers
Status registers provide status information during receiver operation.
4.1.2.3.
LoRaTM Mode FIFO Data Buffer
Overview
The RFM95/96/97/98(W) is equipped with a 256 byte RAM data buffer which is uniquely accessible in LoRa mode. This
RAM area, thereafter reffered to as the FIFO Data buffer, is fully customizable by the user and allows access to the
received, or to be transmitted, data. All access to the LoRaTM  FIFO data buffer is done via the SPI interface. A diagram of
the user defined memory mapping of the FIFO data buffer is shown below. These FIFO data buffer can be read in all
operating modes except sleep and store data related to the last receive operation performed. It is automatically cleared of
old content upon each new transition to receive mode.
Figure 7.
LoRaTM data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com