Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 97 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 97 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 93Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 94Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 95Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 96Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 97Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 98Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 99Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 100Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 101Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
Page 97
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
Service registers
7
AutoImageCalOn
rw
0x00
*
Controls the Image calibration mechanism
0
Calibration of the receiver depending on the temperature is
disabled
1
Calibration of the receiver depending on the temperature
enabled.
6
ImageCalStart
wt
-
Triggers the IQ and RSSI calibration when set in Standby mode.
5
ImageCalRunning
r
0x00
Set to 1 while the Image and RSSI calibration are running.
Toggles back to 0 when the process is completed
4
unused
r
-
unused
3
TempChange
r
0x00
IRQ flag witnessing a temperature change exceeding
TempThreshold since the last Image and RSSI calibration:
0
Temperature change lower than TempThreshold
1
Temperature change greater than TempThreshold
2-1
TempThreshold
rw
0x01
Temperature change threshold to trigger a new I/Q calibration
00
5 °C
01
10 °C
10
15 °C
11
20 °C
RegImageCal
(0x3b)
0
TempMonitorOff
rw
0x00
Controls the temperature monitor operation:
0
Temperature monitoring done in all modes except Sleep and
Standby
1
Temperature monitoring stopped.
RegTemp
(0x3c)
7-0
TempValue
r
-
Measured temperature
-1°C per Lsb
Needs calibration for absolute accuracy
7-4
unused
r
-
unused
3
LowBatOn
rw
0x00
Low Battery detector enable signal
0
LowBat detector disabled
1
LowBat detector enabled
RegLowBat
(0x3d)
2-0
LowBatTrim
rw
0x02
Trimming of the LowBat threshold:
000
1.695 V
001
1.764 V
010
1.835 V (d)
011
1.905 V
100
1.976 V
101
2.045 V
110
2.116 V
111
2.185 V
Status registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com