Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 90 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 90 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 86Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 87Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 88Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 89Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 90Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 91Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 92Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 93Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 94Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 121 page
background image
Page 90
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
7
RestartRxOnCollision
rw
0x00
Turns on the mechanism restarting the receiver automatically if it
gets saturated or a packet collision is detected
0
No automatic Restart
1
Automatic restart On
6
RestartRxWithoutPllLock
wt
0x00
Triggers a manual Restart of the Receiver chain when set to 1.
Use this bit when there is no frequency change,
RestartRxWithPllLock otherwise.
5
RestartRxWithPllLock
wt
0x00
Triggers a manual Restart of the Receiver chain when set to 1.
Use this bit when there is a frequency change, requiring some
time for the PLL to re-lock.
4
AfcAutoOn
rw
0x00
0
No AFC performed at receiver startup
1
AFC is performed at each receiver startup
3
AgcAutoOn
rw
0x01
0
LNA gain forced by the LnaGain Setting
1
LNA gain is controlled by the AGC
RegRxConfig
(0x0d)
2-0
RxTrigger
rw
0x06
*
Selects the event triggering AGC and/or AFC at receiver startup.
See Table 18 for a description.
7-3
RssiOffset
rw
0x00
Signed RSSI offset, to compensate for the possible losses/gains
in the front-end (LNA, SAW filter...)
1dB / LSB, 2’s complement format
RegRssiConfig
(0x0e)
2-0
RssiSmoothing
rw
0x02
Defines the number of samples taken to average the RSSI result:
000
2 samples used
001
4 samples used
010
8 samples used
011
16 samples used
100
32 samples used
101
64 samples used
110
128 samples used
111
256 samples used
RegRssiCollision
(0x0f)
7-0
RssiCollisionThreshold
rw
0x0a
Sets the threshold used to consider that an interferer is detected,
witnessing a packet collision. 1dB/LSB (only RSSI increase)
Default: 10dB
RegRssiThresh
(0x10)
7-0
RssiThreshold
rw
0xff
RSSI trigger level for the Rssi interrupt:
- RssiThreshold / 2 [dBm]
RegRssiValue
(0x11)
7-0
RssiValue
r
-
Absolute value of the RSSI in dBm, 0.5dB steps.
RSSI = - RssiValue/2 [dBm]
7
unused
r
-
unused
6-5
reserved
rw
0x00
reserved
4-3
RxBwMant
rw
0x02
Channel filter bandwidth control:
00
RxBwMant = 16
10
RxBwMant = 24
01
RxBwMant = 20
11
reserved
RegRxBw
(0x12)
2-0
RxBwExp
rw
0x05
Channel filter bandwidth control:
FSK Mode:
RxBw = ------------------------
F
----X----O
----S----C-------------------------
RxBwMant
× 2RxBwExp
+ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com