Electronic Components Datasheet Search
  English  ▼

X  

RFM95 Datasheet(PDF) 24 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 24 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 20Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 21Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 22Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 23Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 24Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 25Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 26Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 27Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 28Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
Page 24
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.1.2. Spreading Factor
The spread spectrum LoRaTM modulation is performed by representing each bit of payload information by multiple chips of
information. The rate at which the spread information is sent is referred to as the symbol rate (Rs), the ratio between the
nominal symbol rate and chip rate is the spreading factor and represents the number of symbols sent per bit of information.
The range of values accessible with the LoRaTM modem are shown in the following table.
Table 59 Range of Spreading Factors
SpreadingFactor
(RegModulationCfg)
Spreading Factor
(Chips / symbol)
LoRa Demodulator
SNR
6
64
-5 dB
7
128
-7.5 dB
8
256
-10 dB
9
512
-12.5 dB
10
1024
-15 dB
11
2048
-17.5 dB
12
4096
-20 dB
Note that the spreading factor, SpreadingFactor, must be known in advance on both transmit and receive sides of the link
as different spreading factors are orthogonal to each other. Note also the resulting signal to noise ratio (SNR) required at
the receiver input. It is the capability to receive signals with negative SNR that increases the sensitivity, so link budget and
range, of the LoRa receiver.
Spreading Factor 6
SF = 6 Is a special use case for the highest data rate transmission possible with the LoRa modem. To this end several
settings must be activated in the RFM95/96/97/98(W) registers when it is in use:
Set SpreadingFactor = 6 in RegModemConfig2
The header must be set to Implicit mode
Write bits 2-0 of register address 0x31 to value "0b101"
Write register address 0x37 to value 0x0C
4.1.1.3. Coding Rate
To further improve the robustness of the link the LoRaTM   modem employs cyclic error coding to perform forward error
detection and correction. Such error coding incurs a transmission overhead - the resultant additional data overhead per
transmission is shown in the table below.
Table 60 Cyclic Coding Overhead
CodingRate
(RegTxCfg1)
Cyclic Coding
Rate
Overhead Ratio
1
4/5
1.25
2
4/6
1.5
3
4/7
1.75
4
4/8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com