Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments TMP117 Datasheet HTML 19Page - Texas Instruments TMP117 Datasheet HTML 20Page - Texas Instruments TMP117 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
7.4.4.2 Therm Mode
When the T/nA bit in the configuration register is set to 1 the device is in therm mode. In this mode, the device
compares the conversion result at the end of every conversion with the values in the low limit register and high
limit register and sets the HIGH_Alert status flag in the configuration register if the temperature exceeds the
value in the high limit register. When set, the device clears the HIGH_Alert status flag if the conversion result
goes below the value in the low limit register. Thus, the difference between the high and low limits effectively
acts like a hysteresis. In this mode, the LOW_Alert status flag is disabled and always reads 0. Unlike the alert
mode, I2C reads of the configuration register do not affect the status bits. The HIGH_Alert status flag is only set
or cleared at the end of conversions based on the value of the temperature result compared to the high and low
limits.
As in alert mode, configuring the device in therm mode also affects the behavior of the ALERT pin. In this mode,
the device asserts the ALERT pin if the HIGH_Alert status flag is set and deasserts the ALERT pin when the
HIGH_Alert status flag is cleared. In therm mode, the ALERT pin cannot be cleared by performing an I2C read
of the configuration register or by performing an SMBus alert response command. As in alert mode, the polarity
of the active state of the ALERT pin can be changed if the user adjusts the POL bit setting in the configuration
register.
Thus, this mode effectively makes the device behave like a high-limit threshold detector. This mode can be used
in applications where detecting if the temperature has gone above a desired threshold is necessary. Figure 7-6
shows a timing diagram of this mode.
High temperature limit
Low temperature limit
Temperature
Temperature conversions
HIGH_Alert Status Flag
I
2C Read
ALERT pin (POL = 0)
Figure 7-6. Therm Mode Timing Diagram
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com