Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 5Page - Texas Instruments TMP117 Datasheet HTML 6Page - Texas Instruments TMP117 Datasheet HTML 7Page - Texas Instruments TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
Data Distribution (LSB)
0
10
20
30
40
50
60
70
-4
-3
-2
-1
0
1
2
3
4
Data
T = -50 qC, St. Dev = 0.88
T = 25 qC, St. Dev = 0.92
T = 100 qC, St. Dev = 1.06
Figure 6-6. Data Reading Distribution Over Temperature (No
Averaging, V+ = 3.3 V)
Temperature Error ((mqC)
0
5
10
15
20
25
-70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70
temp
TA = 25 °C. V+ = 3.3 V. One-shot mode with averaging = 8.
Figure 6-7. Typical Temperature Distribution Error
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
TMP1
Curr
V+ = 1.8 V
V+ = 3.3 V
V+ = 5.5 V
Serial bus inactive
Figure 6-8. Quiescent Current in Shutdown Mode
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
Curr
V+ = 1.8 V
V+ = 3.3 V
V+ = 5.5 V
Serial bus inactive
Figure 6-9. Quiescent Current in Standby Mode
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
Supp
f = 1 MHz
f = 400 kHz
f = 100 kHz
SCL pin clocked
Figure 6-10. Quiescent Current in Shutdown Mode
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-8
-6
-4
-2
0
2
4
6
8
TMP1
cont
V+ = 1.8 V
V+ = 3.3 V
V+ = 5.5 V
Normalized to 25°C and V+ = 3.3 V
Figure 6-11. Active Conversion Time vs Temperature
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com