Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
7.6.4 High Limit Register (address = 02h) [Factory default reset = 6000h]
This register is a 16-bit, read/write register that stores the high limit for comparison with the temperature result.
One LSB equals 7.8125 m°C. The range of the register is ±256 °C. Negative numbers are represented in binary
two's complement format. Following power-up or a general-call reset, the high-limit register is loaded with the
stored value from the EEPROM. The factory default reset value is 6000h.
Return to Register Map.
Figure 7-15. High Limit Register
15
14
13
12
11
10
9
8
H15
H14
H13
H12
H11
H10
H9
H8
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
H7
H6
H5
H4
H3
H2
H1
H0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-8. High Limit Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
H[15:0]
R/W
6000h
16-bit, read/write register that stores the high limit for comparison
with the temperature result.
7.6.5 Low Limit Register (address = 03h) [Factory default reset = 8000h]
This register is configured as a 16-bit, read/write register that stores the low limit for comparison with the
temperature result. One LSB equals 7.8125 m°C. The range of the register is ±256 °C. Negative numbers
are represented in binary two's complement format. The data format is the same as the temperature register.
Following power-up or reset, the low-limit register is loaded with the stored value from the EEPROM. The factory
default reset value is 8000h.
Return to Register Map.
Figure 7-16. Low Limit Register
15
14
13
12
11
10
9
8
L15
L14
L13
L12
L11
L10
L9
L8
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
L7
L6
L5
L4
L3
L2
L1
L0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-9. Low Limit Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
L[15:0]
R/W
8000h
16-bit, read/write register that stores the low limit for comparison
with the temperature result.
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com