Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMP117 is used to measure the temperature of the board location where the device is mounted. The
programmable address options allow up to four locations on the board to be monitored on a single serial bus.
For more information, refer to the related Considerations for Measuring Ambient Air Temperature (SNOA966),
Replacing resistance temperature detectors with the TMP116 temp sensor (SNOA969), and Temperature
sensors: PCB guidelines for surface mount devices (SNOA967) application reports on ti.com.
8.2 Typical Application
1.7 V to 5.5 V
VDD
GND
SDA
SCL
ADD0
ALERT
TMP117
5 k
5 k
5 k
2-wire interface I2C or
SMBus compatible
controller
Figure 8-1. Typical Connections
8.2.1 Design Requirements
The TMP117 operates only as a slave device and communicates with the host through the I2C-compatible serial
interface. SCL is the input pin, SDA is a bidirectional pin, and ALERT is the output. The TMP117 requires a
pullup resistor on the SDA, and ALERT pins. The recommended value for the pullup resistors is 5 kΩ. In some
applications, the pullup resistor can be lower or higher than 5 kΩ. A 0.1-µF bypass capacitor is recommended
to be connected between V+ and GND. An SCL pullup resistor is required if the system microprocessor SCL pin
is open-drain. Use a ceramic capacitor type with a temperature rating that matches the operating range of the
application, and place the capacitor as close as possible to the V+ pin of the TMP117. The ADD0 pin can be
connected directly to GND, V+, SDA and SCL for address selection of four possible unique slave ID addresses.
Table 7-1 explains the addressing scheme. The ALERT output pin can be connected to a microcontroller
interrupt that triggers an event that occurred when the temperature limit exceeds the programmable value in
registers 02h and 03h. The ALERT pin can be left floating or connected to ground when not in use.
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com