Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments TMP117 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
7.4 Device Functional Modes
The TMP117 can be configured to operate in various conversion modes by using the MOD[1:0] bits. These
modes provide flexibility to operate the device in the most power efficient way necessary for the intended
application.
7.4.1 Continuous Conversion Mode
When the MOD[1:0] bits are set to 00 or 10 in the configuration register, the device operates in continuous
conversion mode. The device continuously performs temperature conversions in this mode, as shown in Figure
7-3, and updates the temperature result register at the end of every active conversion. The user can read the
configuration register or the temperature result register to clear the Data_Ready flag. Therefore, the Data_Ready
flag can be used to determine when the conversion completes so that an external controller can synchronize
reading the result register with conversion result updates. The user can set the DR/nAlert_EN bit in the
configuration register to monitor the state of the Data_Ready flag on the ALERT pin.
Every conversion cycle consists of an active conversion period followed by a standby period. The device
typically consumes 135 µA during active conversion and only 1.25 µA during the low-power standby period.
Figure 7-3 shows a current consumption profile of a conversion cycle while in continuous current mode. The
duration of the active conversion period and standby period can be configured using the CONV[2:0] and
AVG[1:0] bits in the configuration register, thereby allowing the average current consumption of the device to
be optimized based on the application requirements. Changing the conversion cycle period also affects the
temperature result update rate because the temperature result register is updated at the end of every active
conversion.
Use Equation 1 to calculate the average current consumption of the device in continuous conversion mode.
(Active Current Consumption Active Conversion Time) + (Standby Current Consumption Standby Time)
Conversion Cycle Time
u
u
(1)
Active conversion time
Conversion Cycle time Conversion Cycle time
tStandby timet
Start of conversion
(Affected by averaging)
Figure 7-3. Conversion Cycle Timing Diagram
7.4.2 Shutdown Mode (SD)
When the MOD[1:0] bits are set to 01 in the configuration register, the device instantly aborts the currently
running conversion and enters a low-power shutdown mode. In this mode, the device powers down all active
circuitry and can be used in conjunction with the OS mode to perform temperature conversions. Engineers
can use the TMP117 for battery-operated systems and other low-power consumption applications because the
device typically only consumes 250 nA in SD mode.
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com