Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 42Page - Texas Instruments TMP117 Datasheet HTML 43Page - Texas Instruments TMP117 Datasheet HTML 44Page - Texas Instruments TMP117 Datasheet HTML 45Page - Texas Instruments TMP117 Datasheet HTML 46Page - Texas Instruments TMP117 Datasheet HTML 47Page - Texas Instruments TMP117 Datasheet HTML 48Page - Texas Instruments TMP117 Datasheet HTML 49Page - Texas Instruments TMP117 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TMP117AIDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
T117
TMP117AIDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
T117
TMP117AIDRVRG4
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
T117
TMP117AIDRVRG4.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
T117
TMP117AIDRVT
Obsolete
Production
WSON (DRV) | 6
-
-
Call TI
Call TI
-55 to 150
T117
TMP117AIYBGR
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-55 to 150
E7
TMP117AIYBGR.A
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-55 to 150
E7
TMP117AIYBGT
Obsolete
Production
DSBGA (YBG) | 6
-
-
Call TI
Call TI
-55 to 150
E7
TMP117MAIDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 85
117M
TMP117MAIDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 85
117M
TMP117MAIDRVT
Obsolete
Production
WSON (DRV) | 6
-
-
Call TI
Call TI
0 to 85
117M
TMP117MAIYBGR
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 85
EQ
TMP117MAIYBGR.A
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 85
EQ
TMP117MAIYBGT
Obsolete
Production
DSBGA (YBG) | 6
-
-
Call TI
Call TI
0 to 85
EQ
TMP117NAIDRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
117N
TMP117NAIDRVR.A
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 150
117N
TMP117NAIDRVT
Obsolete
Production
WSON (DRV) | 6
-
-
Call TI
Call TI
-55 to 150
117N
TMP117NAIYBGR
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-55 to 150
ER
TMP117NAIYBGR.A
Active
Production
DSBGA (YBG) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-55 to 150
ER
TMP117NAIYBGT
Obsolete
Production
DSBGA (YBG) | 6
-
-
Call TI
Call TI
-55 to 150
ER
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com