Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments TMP117 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
7.3.3 Temperature Result and Limits
At the end of every conversion, the device updates the temperature register with the conversion result. The data
in the result register is in two's complement format, has a data width of 16 bits and a resolution of 7.8125 m°C.
Table 7-1 shows multiple examples of possible binary data that can be read from the temperature result register
and the corresponding hexadecimal and temperature equivalents.
The TMP117 also has alert status flags and alert pin functionality that use the temperature limits stored in the
low limit register and high limit register. The same data format used for the temperature result register is used for
data written to the high and low limit registers.
Table 7-1. 16-Bit Temperature Data Format
TEMPERATURE
(°C)
TEMPERATURE REGISTER VALUE
(0.0078125 °C RESOLUTION)
BINARY
HEX
–256
1000 0000 0000 0000
8000
–25
1111 0011 1000 0000
F380
–0.1250
1111 1111 1111 0000
FFF0
–0.0078125
1111 1111 1111 1111
FFFF
0
0000 0000 0000 0000
0000
0.0078125
0000 0000 0000 0001
0001
0.1250
0000 0000 0001 0000
0010
1
0000 0000 1000 0000
0080
25
0000 1100 1000 0000
0C80
100
0011 0010 0000 0000
3200
255.9921
0111 1111 1111 1111
7FFF
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com