Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 24Page - Texas Instruments TMP117 Datasheet HTML 25Page - Texas Instruments TMP117 Datasheet HTML 26Page - Texas Instruments TMP117 Datasheet HTML 27Page - Texas Instruments TMP117 Datasheet HTML 28Page - Texas Instruments TMP117 Datasheet HTML 29Page - Texas Instruments TMP117 Datasheet HTML 30Page - Texas Instruments TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Table 7-6. Configuration Register Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
1
Soft_Reset
R/W
0
Software reset bit.
When set to 1 it triggers software reset with a duration of 2 ms
This bit will always read back 0
0
—
R
0
Not used
(1)
These bits can be stored in EEPROM. The factory setting for this register is 0220.
(2)
The MOD1 bit cannot be stored in EEPROM. The device can only be programmed to start up in shutdown mode or continuous
conversion mode.
Table 7-7. Conversion Cycle Time in CC Mode
CONV[2:0]
AVG[1:0] = 00
AVG[1:0] = 01
AVG[1:0] = 10
AVG[1:0] = 11
000
15.5 ms
125 ms
500 ms
1 s
001
125 ms
125 ms
500 ms
1 s
010
250 ms
250 ms
500 ms
1 s
011
500 ms
500 ms
500 ms
1 s
100
1 s
1 s
1 s
1 s
101
4 s
4 s
4 s
4 s
110
8 s
8 s
8 s
8 s
111
16 s
16 s
16 s
16 s
If the time to complete the conversions needed for a given averaging setting is higher than the conversion setting
cycle time, there will be no stand by time in the conversion cycle.
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com