Electronic Components Datasheet Search
  English  ▼

X  

TMP117 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP117
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 31Page - Texas Instruments TMP117 Datasheet HTML 32Page - Texas Instruments TMP117 Datasheet HTML 33Page - Texas Instruments TMP117 Datasheet HTML 34Page - Texas Instruments TMP117 Datasheet HTML 35Page - Texas Instruments TMP117 Datasheet HTML 36Page - Texas Instruments TMP117 Datasheet HTML 37Page - Texas Instruments TMP117 Datasheet HTML 38Page - Texas Instruments TMP117 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
8.2.3 Application Curves
Time (Sec)
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
1.9 V
3 V
4 V
5 V
5.5 V
Figure 8-2. Self-Heating in Still Air vs. Temperature
and Dissipated Power
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
700 uWt
630 uWt
500 uWt
410 uWt
370 uWt
225 uWt
Figure 8-3. Self-Heating in Still Air vs. Temperature
and Dissipated Power at 25°C
9 Power Supply Recommendations
The TMP117 operates on a power-supply range from 1.7 V to 5.5 V. A power-supply bypass capacitor
is required, which must be placed as close to the supply and ground pins of the device as possible. A
recommended value for this supply bypass capacitor is 100 nF. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise.
The package thermal pad is not connected to the device ground and should be left unsoldered for best
measurement accuracy. If the thermal pad is soldered, it must be left floating or grounded.
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com