Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 2 Page - Texas Instruments

  TPL0202 Datasheet HTML 1Page - Texas Instruments TPL0202 Datasheet HTML 2Page - Texas Instruments TPL0202 Datasheet HTML 3Page - Texas Instruments TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
TPL0202
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Operating Characteristics.......................................... 6
6.7
SPI Timing Requirements ......................................... 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 13
7.5
Programming........................................................... 21
7.6
Register Map........................................................... 22
8
Application and Implementation ........................ 24
8.1
Application Information............................................ 24
8.2
Typical Application .................................................. 24
9
Power Supply Recommendations ...................... 25
9.1
Power Sequence..................................................... 25
9.2
Wiper Position Upon Power Up .............................. 25
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Receiving Notification of Documentation Updates 27
11.3
Community Resources.......................................... 27
11.4
Trademarks ........................................................... 27
11.5
Electrostatic Discharge Caution ............................ 27
11.6
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (October 2015) to Revision E
Page
•
Changed "read endurance" to: "write endurance" .................................................................................................................. 6
•
Added Receiving Notification of Documentation Updates section ....................................................................................... 27
Changes from Revision C (June 2012) to Revision D
Page
•
Added Pin Functions table, ESD Ratings table, Thermal Information table, Detailed Description section, Application
and Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
•
Fixed SPI Timing Requirements to show 5 MHz max SCLK frequency ............................................................................... 7
Changes from Revision B (August 2011) to Revision C
Page
•
Updated Pin Description Table............................................................................................................................................... 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com