Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 17Page - Texas Instruments TPL0202 Datasheet HTML 18Page - Texas Instruments TPL0202 Datasheet HTML 19Page - Texas Instruments TPL0202 Datasheet HTML 20Page - Texas Instruments TPL0202 Datasheet HTML 21Page - Texas Instruments TPL0202 Datasheet HTML 22Page - Texas Instruments TPL0202 Datasheet HTML 23Page - Texas Instruments TPL0202 Datasheet HTML 24Page - Texas Instruments TPL0202 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SCLK
DIN
t
CS0
tCSS
t
DS
tSCL
t
SCH
tDH
t
SCP
t
CSH
t
CSW
t
CS1
CS
SCLK
DIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C1
C0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
DIN
1
2
3
4
5
6
7
8
C1
C0
A1
A0
A) 16-clock cycle Data Write Sequence
B) 8-clock cycle Data Move/Copy Sequence
CS
CS
21
TPL0202
www.ti.com
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
7.5 Programming
7.5.1 SPI Digital Interface
The TPL0202 uses a 3-wire SPI-compatible serial data interface. This write-only interface has three inputs: chip-
select (CS), data clock (SCLK), and data input (DIN). Drive CS low to enable the serial interface and clock data
synchronously into the shift register on each SCLK rising edge. The WRITE commands (C1, C0 = 00 or 01)
require 16 clock cycles to clock in the command, address, and data. The COPY commands (C1, C0 = 10 or 11)
can use either eight clock cycles to transfer only command and address bits or 16 clock cycles, with the device
disregarding 8 data bits. After loading data into the shift register, drive CS high to latch the data into the
appropriate potentiometer control register and disable the serial interface. Keep CS low during the entire serial
data stream to avoid corruption of the data.
Figure 26. Digital Interface Write Sequence
Figure 27. Digital Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com