Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments TPL0202 Datasheet HTML 10Page - Texas Instruments TPL0202 Datasheet HTML 11Page - Texas Instruments TPL0202 Datasheet HTML 12Page - Texas Instruments TPL0202 Datasheet HTML 13Page - Texas Instruments TPL0202 Datasheet HTML 14Page - Texas Instruments TPL0202 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
t - Time - S
m
VDD
Wiper
0.0
TA - Free-air Temperature (C)
-40
-15
10
35
60
85
105
-1
-0.5
0
0.5
1
1.5
D019
2.7 V
5 V
5.5 V
2.47
2.48
2.46
2.50
2.51
2.52
2.53
2.54
2.55
2.56
2.57
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
t - Time - S
m
11
TPL0202
www.ti.com
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. End-End Resistance Change vs Temperature
Figure 20. Midscale Wiper Glitch (Code 7fh to 80h) VDD = 5
V, VH = VDD, VL = GND, Cload = 10 pF
Figure 21. tPOR (Power-Up Response Time) Non-Volatile Memory = 40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com