Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments TPL0202 Datasheet HTML 10Page - Texas Instruments TPL0202 Datasheet HTML 11Page - Texas Instruments TPL0202 Datasheet HTML 12Page - Texas Instruments TPL0202 Datasheet HTML 13Page - Texas Instruments TPL0202 Datasheet HTML 14Page - Texas Instruments TPL0202 Datasheet HTML 15Page - Texas Instruments TPL0202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SPI INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
HA
LA
HB
LB
WA
WB
VDD
GND
SCLK
DIN
CS
12
TPL0202
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPL0202 has two linear-taper digital potentiometers with 256 wiper positions and an end-to-end resistance
of 100 k
Ω. Each potentiometer can be used as a three-terminal potentiometer or as a two-terminal rheostat. The
two potentiometers can both be used in voltage divider mode or rheostat mode at the same time, or any
combination of those modes. For example, potentiometer A can be used in voltage divider mode and
potentiometer B can be used in rheostat mode. The two potentiometers are functionally independent of one
another.
The high (H) and low (L) terminals of the TPL0202 are equivalent to the fixed terminals of a mechanical
potentiometer. The H and L terminals do not have any polarity restrictions (H can be at a higher voltage than L,
or L can be at a higher voltage than H). The position of the wiper (W) terminal is controlled by the value in the
Wiper Resistance (WR) 8-bit register. When the WR register contains all zeroes (zero-scale), the wiper terminal
is closest to its L terminal. As the value of the WR register increases from all zeroes to all ones (full-scale), the
wiper moves from the position closest to the L terminal, to the position closest to the H terminal. At the same
time, the resistance between W and L increases, whereas the resistance between W and H decreases.
The TPL0202 has non-volatile memory (EEPROM) that can be used to store the wiper position. When the device
is powered down, the last value copied in the non-volatile memory (NVM) will be maintained. When power is
restored, the contents of the NVM are automatically recalled and loaded into the corresponding wiper register to
set the wipers. The internal registers of the TPL0202 can be written to using a SPI-compatible interface. The
factory-programmed default value for the NVM is 0x80h (1000 0000). The wiper registers (volatile memory) and
the NVM registers can be written to independently without having to modify the current value in another register.
See the Register Map section for more information.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com