Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 20Page - Texas Instruments TPL0202 Datasheet HTML 21Page - Texas Instruments TPL0202 Datasheet HTML 22Page - Texas Instruments TPL0202 Datasheet HTML 23Page - Texas Instruments TPL0202 Datasheet HTML 24Page - Texas Instruments TPL0202 Datasheet HTML 25Page - Texas Instruments TPL0202 Datasheet HTML 26Page - Texas Instruments TPL0202 Datasheet HTML 27Page - Texas Instruments TPL0202 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Vo
Vi
10
NŸ
Vcc
TPL0202
OPA320
H
W
L
24
TPL0202
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Many applications require using a digital potentiometer such as the TPL0202 for variable resistance or voltage
division; the following application shows a few examples. In conjunction with various amplifiers, the TPL0202 can
effectively be used in rheostat mode to modify the gain of an amplifier, in voltage divider mode to create a digital-
to-analog converter (DAC), or one of the potentiometers can be used in voltage divider mode while the other is in
rheostat mode to create a variable current sink.
Digital potentiometers have additional use cases. See the Related Documentation section for additional
resources that have application examples including adjustable current source and gain adjustment.
8.2 Typical Application
The following typical application shows a DAC.
Figure 28. DAC Schematic
8.2.1 Design Requirements
Table 3 shows the design parameters for this application.
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
0 to 5 V
Output voltage range
0 to 5 V
8.2.2 Detailed Design Procedure
The TPL0202 can be used in voltage divider mode with a unity-gain operational amplifier buffer to create an 8-bit
DAC. The analog output voltage of the circuit is determined by the wiper setting programmed through the I2C
bus.
The operational amplifier is required to buffer the high-impedance output of the TPL0202 or else loading placed
on the output of the voltage divider will affect the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com