Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments TPL0202 Datasheet HTML 10Page - Texas Instruments TPL0202 Datasheet HTML 11Page - Texas Instruments TPL0202 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Digital Code
0
32
64
96
128
160
192
224
256
-0.2
-0.1
0
0.1
0.2
0.3
D007
2.7 V
5 V
5.5 V
Digital Code
0
32
64
96
128
160
192
224
256
-0.1
0
0.1
0.2
0.3
D006
2.7 V
5 V
5.5 V
Digital Code
0
32
64
96
128
160
192
224
256
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D004
VDD = 5 V
-40 C
25 C
105 C
Digital Code
0
32
64
96
128
160
192
224
256
-0.1
0
0.1
0.2
0.3
D005
VDD = 5 V
-40 C
25 C
105 C
TA - Free-Air Temperature (C)
-40
-15
10
35
60
85
105
0
0.5
1
1.5
2
2.5
D002
2.7 V
3.6 V
5.5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V - Input Voltage - V
I
0
1
10
100
1000
10000
V
= 2.7 V
DD
V
= 5 V
DD
8
TPL0202
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Standby Current vs Temperature
Figure 2. Supply Current vs Digital Input Voltage
Figure 3. Voltage Divider Mode DNL vs Temperature
(VDD = 5 V)
Figure 4. Voltage Divider Mode INL vs Temperature
(VDD = 5 V)
Figure 5. Voltage Divider Mode DNL vs Supply Voltage
(25°C)
Figure 6. Voltage Divider Mode INL vs Supply Voltage (25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com